Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEF6894H Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TEF6894H
Description  Car radio integrated signal processor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEF6894H Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TEF6894H Datasheet HTML 9Page - NXP Semiconductors TEF6894H Datasheet HTML 10Page - NXP Semiconductors TEF6894H Datasheet HTML 11Page - NXP Semiconductors TEF6894H Datasheet HTML 12Page - NXP Semiconductors TEF6894H Datasheet HTML 13Page - NXP Semiconductors TEF6894H Datasheet HTML 14Page - NXP Semiconductors TEF6894H Datasheet HTML 15Page - NXP Semiconductors TEF6894H Datasheet HTML 16Page - NXP Semiconductors TEF6894H Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
2003 Oct 21
13
Philips Semiconductors
Product specification
Car radio integrated signal processor
TEF6894H
∆Vout
frequency response
FM mode
fFMMPX =20Hz
−0.5
+0.5
dB
fFMMPX = 15 kHz
−0.5
+0.5
dB
fcut-off(de-em)
cut-off frequency of
de-emphasis filter
−3 dB point; see Fig.15
DEMP = 1 (
τ
de-em =50 µs)
3.18
kHz
DEMP = 0 (
τ
de-em =75 µs)
2.12
kHz
mi(pilot)(rms)
pilot threshold modulation
for automatic switching by
pilot input voltage
(RMS value)
stereo
on
4.0
5.5
%
off
1.3
2.7
%
hyspilot
hysteresis of pilot
threshold voltage
2
dB
Vref(min)
minimum reference input
voltage
−−
30
mV
fref
reference frequency for
stereo PLL
75361 75368
75375 Hz
Noise blanker
FM PART
tsup(min)
minimum suppression
time
15
−µs
VMPXRDS(M)
noise blanker sensitivity
at MPXRDS input
(peak value of noise
pulses)
see Table 37; tpulse =10 µs;
repetition frequency f = 300 Hz
NBS[1:0] = 00
90
mV
NBS[1:0] = 01
150
mV
NBS[1:0] = 10
210
mV
NBS[1:0] = 11
270
mV
VLEVEL(M)
noise blanker sensitivity
at LEVEL input
(peak value of noise
pulses)
see Table 40; tpulse =10 µs;
repetition frequency f = 300 Hz
NBL[1:0] = 00
9
mV
NBL[1:0] = 01
18
mV
NBL[1:0] = 10
28
mV
AM PART
tsup(min)
minimum suppression
time
200
−µs
MAM
noise blanker sensitivity
see Table 37; faudio = 2 kHz
NBS[1:0] = 00
110
%
NBS[1:0] = 01
140
%
NBS[1:0] = 10
175
%
NBS[1:0] = 11
220
%
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com