Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEF6894H Datasheet(PDF) 20 Page - NXP Semiconductors

Part # TEF6894H
Description  Car radio integrated signal processor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEF6894H Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button TEF6894H Datasheet HTML 16Page - NXP Semiconductors TEF6894H Datasheet HTML 17Page - NXP Semiconductors TEF6894H Datasheet HTML 18Page - NXP Semiconductors TEF6894H Datasheet HTML 19Page - NXP Semiconductors TEF6894H Datasheet HTML 20Page - NXP Semiconductors TEF6894H Datasheet HTML 21Page - NXP Semiconductors TEF6894H Datasheet HTML 22Page - NXP Semiconductors TEF6894H Datasheet HTML 23Page - NXP Semiconductors TEF6894H Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 55 page
background image
2003 Oct 21
20
Philips Semiconductors
Product specification
Car radio integrated signal processor
TEF6894H
TCASI
ASI time constant
(switching time from any
setting to any other
setting)
see Table 42
AST[1:0] = 00
−
1
−
ms
AST[1:0] = 01
−
3
−
ms
AST[1:0] = 10
−
10
−
ms
AST[1:0] = 11
−
30
−
ms
Voffset(max)
maximum DC offset
between any two settings
(non-consecutive) on any one audio
control or any one dynamic weak
signal processing control
−
7
−
mV
PSRR
power supply ripple
rejection
VCC(AC) =Vripple = 200 mV (RMS)
fripple = 20 to 100 Hz
35
46
−
dB
fripple = 1 kHz
50
75
−
dB
fripple = 1 to 20 kHz
50
65
−
dB
αct
crosstalk between bus
inputs and signal outputs
fclk = 100 kHz; note 3
−
110
−
dB
tturn-on
turn-on time from VCC
applied to 66% final DC
voltage at outputs
−
100
−
ms
LOUDNESS
floudness(low)
loudness low boost
frequency without
influence of coupling
capacitors
amplitude decrease =
−3dB
LLF = 0
−
50
−
Hz
LLF = 1
−
100
−
Hz
floudness(high)
loudness filter response
without influence of
coupling capacitors
amplitude decrease =
−1 dB;
frequency referred to 100 kHz;
high boost on
−
10
−
kHz
Gloudness
loudness gain control
floudness(low) = 50 Hz; high boost on;
see Fig.16
maximum setting; 1 kHz tone
−
0
−
dB
minimum setting; 1 kHz tone
−−20
−
dB
minimum setting; 50 Hz tone
−−3
−
dB
minimum setting; 10 kHz tone
−−16
−
dB
minimum setting; 100 kHz tone
−−15
−
dB
step size; 1 kHz tone
−
1
−
dB
VOLUME
Gvol
volume/balance gain
control
see Table 48
maximum setting
−
20
−
dB
minimum setting
−−59
−
dB
mute attenuation; 20 Hz to 20 kHz
input
−−80
−70
dB
Gstep(vol)
step resolution gain
(volume)
see Table 48
−
1
−
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com