Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEF6894H Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TEF6894H
Description  Car radio integrated signal processor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEF6894H Datasheet(HTML) 4 Page - NXP Semiconductors

  TEF6894H Datasheet HTML 1Page - NXP Semiconductors TEF6894H Datasheet HTML 2Page - NXP Semiconductors TEF6894H Datasheet HTML 3Page - NXP Semiconductors TEF6894H Datasheet HTML 4Page - NXP Semiconductors TEF6894H Datasheet HTML 5Page - NXP Semiconductors TEF6894H Datasheet HTML 6Page - NXP Semiconductors TEF6894H Datasheet HTML 7Page - NXP Semiconductors TEF6894H Datasheet HTML 8Page - NXP Semiconductors TEF6894H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
2003 Oct 21
4
Philips Semiconductors
Product specification
Car radio integrated signal processor
TEF6894H
1.6
Tone/volume part
• Input selector for four inputs:
– Two external stereo inputs (CD and TAPE)
– One mono input (PHONE)
– One internal stereo input (AM or FM).
• Integrated tone control and audio filters without external
components
• Volume control from +20 to −79 dB in 1 dB steps;
programmable 20 dB loudness control included
• Programmable loudness control with bass boost or as
bass and treble boost
• Treble control from −14 to +14 dB in 2 dB steps
• Bass control from −14 to +14 dB in 2 dB steps with
selectable characteristics
• Good undistorted performance for any step size,
including mute
• Audio Step Interpolation (ASI) available for the following
audio controls:
– Mute
– Loudness
– Volume/balance
– Bass
– Fader.
• ASI also realizes Alternative Frequency (AF) mute for
inaudible RDS update
• Integrated beep generator
• Navigation (NAV) input
• Output mixer circuit for beep or NAV signal at output
stages.
2
GENERAL DESCRIPTION
The TEF6894H is a monolithic BiMOS integrated circuit
comprising the stereo decoder function, weak signal
processing and ignition noise blanking facility for AM and
FM combined with input selector and tone/volume control
for AM and FM car radio applications. The device operates
with a supply voltage of 8 to 9 V.
3
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TEF6894H
QFP44
plastic quad flat package; 44 leads (lead length 1.3 mm);
body 10
× 10 × 1.75 mm
SOT307-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com