Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEF6894H Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TEF6894H
Description  Car radio integrated signal processor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEF6894H Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TEF6894H Datasheet HTML 17Page - NXP Semiconductors TEF6894H Datasheet HTML 18Page - NXP Semiconductors TEF6894H Datasheet HTML 19Page - NXP Semiconductors TEF6894H Datasheet HTML 20Page - NXP Semiconductors TEF6894H Datasheet HTML 21Page - NXP Semiconductors TEF6894H Datasheet HTML 22Page - NXP Semiconductors TEF6894H Datasheet HTML 23Page - NXP Semiconductors TEF6894H Datasheet HTML 24Page - NXP Semiconductors TEF6894H Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
2003 Oct 21
21
Philips Semiconductors
Product specification
Car radio integrated signal processor
TEF6894H
∆Gset
gain set error
Gvol = +20 to −36 dB
−1
0
+1
dB
Gvol = −36 to −59 dB
−3
0
+3
dB
∆G
track
gain tracking error
between left and right
Gvol = +20 to −36 dB
01
dB
Gvol = −36 to −59 dB
03
dB
TREBLE
fcut-off(treble)
treble control filter cut-off
frequency
see Table 52;
−3 dB frequency
referenced to 100 kHz
TRF[1:0] = 00
8
kHz
TRF[1:0] = 01
10
kHz
TRF[1:0] = 10
12
kHz
TRF[1:0] = 11
15
kHz
Gtreble
treble gain control
see Table 51
maximum setting
14
dB
minimum setting
−−14
dB
Gstep(treble)
step resolution gain
(treble)
see Table 51
2
dB
BASS
fc(bass)
bass control filter centre
frequency
see Table 56
BAF[1:0] = 00
60
Hz
BAF[1:0] = 01
80
Hz
BAF[1:0] = 10
100
Hz
BAF[1:0] = 11
120
Hz
Qbass
bass filter quality factor
Gbass = +12 dB
1.0
−−
EQbow
equalizer bowing
faudio = 1 kHz; Vi = 500 mV (RMS);
Gbass = +12 dB; fc(bass) = 60 Hz;
Gtreble = +12 dB;
fcut-off(treble) = 10 kHz; see Fig.3
1.8
dB
Gbass
bass gain control
see Table 55
maximum setting; symmetrical
boost
14
dB
minimum setting; asymmetrical cut
−−14
dB
minimum setting; symmetrical cut
−−14
dB
Gstep(bass)
step resolution gain
(bass)
see Table 55
2
dB
FADER
Gfader
fader gain control
see Table 59
maximum setting
0
dB
minimum setting
−−59
dB
mute attenuation; 20 Hz to 20 kHz
input
−−80
−66
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com