Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEF6894H Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TEF6894H
Description  Car radio integrated signal processor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEF6894H Datasheet(HTML) 3 Page - NXP Semiconductors

  TEF6894H Datasheet HTML 1Page - NXP Semiconductors TEF6894H Datasheet HTML 2Page - NXP Semiconductors TEF6894H Datasheet HTML 3Page - NXP Semiconductors TEF6894H Datasheet HTML 4Page - NXP Semiconductors TEF6894H Datasheet HTML 5Page - NXP Semiconductors TEF6894H Datasheet HTML 6Page - NXP Semiconductors TEF6894H Datasheet HTML 7Page - NXP Semiconductors TEF6894H Datasheet HTML 8Page - NXP Semiconductors TEF6894H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
2003 Oct 21
3
Philips Semiconductors
Product specification
Car radio integrated signal processor
TEF6894H
1
FEATURES
1.1
General
• High integration
• No external components except coupling capacitors for
signal inputs and outputs
• QFP44 package with small Printed-Circuit Board (PCB)
footprint.
1.2
I2C-bus
• Fast mode 400 kHz I2C-bus, interfaces to logic levels
ranging from 2.5 to 5 V
• Gated I2C-bus loop through to tuner IC
– Eases PCB layout (crosstalk)
– Allows mix of 400 kHz and 100 kHz busses
– Low bus load reduces crosstalk
– Buffered I/O circuit
– Supply voltage shift between both buses allowed.
• Shortgate function offers easy control with automatic
gating of a single transmission; suited for TEA684x
• Autogate function offers transparent microcontroller
control with automatic on/off gating (programmable
address).
1.3
Stereo decoder
• FM stereo decoder with high immunity to birdy noise and
excellent pilot cancellation
• Integrated IF roll-off correction controlled via I2C-bus
• De-emphasis selectable between 75 and 50 µs via
I2C-bus.
1.4
Noise blanking
• New fully integrated AM noise blanker with excellent
performance
• Fully integrated FM noise blanker with superior
performance.
1.5
Weak signal processing
• FM weak signal processing with detectors for RF level,
Ultrasonic Noise (USN) and Wideband AM (WAM)
information
• AM weak signal processing with detectors for level
information
• AM processing with soft mute and High Cut Control
(HCC)
• FM processing with soft mute, stereo blend and HCC
• Setting of the sensitivity of the detectors and start and
slope of the control functions via I2C-bus
• Weather band de-emphasis
• Level, USN and WAM read-out via I2C-bus (signal
quality detectors)
• Full support of tuner AF update functions with TEA684x
tuner ICs, FM audio processing holds the detectors for
the FM weak signal processing in their present state
during RDS updating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com