Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEF6894H Datasheet(PDF) 12 Page - NXP Semiconductors

Part # TEF6894H
Description  Car radio integrated signal processor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEF6894H Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button TEF6894H Datasheet HTML 8Page - NXP Semiconductors TEF6894H Datasheet HTML 9Page - NXP Semiconductors TEF6894H Datasheet HTML 10Page - NXP Semiconductors TEF6894H Datasheet HTML 11Page - NXP Semiconductors TEF6894H Datasheet HTML 12Page - NXP Semiconductors TEF6894H Datasheet HTML 13Page - NXP Semiconductors TEF6894H Datasheet HTML 14Page - NXP Semiconductors TEF6894H Datasheet HTML 15Page - NXP Semiconductors TEF6894H Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 55 page
background image
2003 Oct 21
12
Philips Semiconductors
Product specification
Car radio integrated signal processor
TEF6894H
Gi
input gain on
pins FMMPX, MPXRDS
and AM
see Table 36
ING[1:0] = 00; all inputs
−
0
−
dB
ING[1:0] = 01; all inputs
−
3
−
dB
ING[1:0] = 10; all inputs
−
6
−
dB
ING[1:0] = 11; FMMPX
−
23.5
−
dB
ING[1:0] = 11; MPXRDS and AM
−
0
−
dB
α
cs
channel separation
fFMMPX = 1 kHz
40
−−
dB
gc(L-R)
roll-off correction for
coarse adjustment of
separation
see Table 20; measure 1 kHz level
for L
− R modulation; compare to
1 kHz level for L + R modulation
CSR[1:0] = 00
−
0
−
dB
CSR[1:0] = 01
−
0.4
−
dB
CSR[1:0] = 10
−
0.8
−
dB
CSR[1:0] = 11
−
1.2
−
dB
gf(L-R)
stereo adjust for fine
adjustment of separation
see Table 21; measure 1 kHz level
for L
− R modulation; compare to
1 kHz level for L + R modulation
CSA[3:0] = 0000
−
0
−
dB
CSA[3:0] = 0001
−
0.2
−
dB
:
−
:
−
dB
CSA[3:0] = 1110
−
2.8
−
dB
CSA[3:0] = 1111
−
3.0
−
dB
S/N
signal-to-noise ratio
fFMMPX = 20 Hz to 15 kHz;
referenced to 1 kHz at 91% FM
modulation; DEMP = 1
(
τde-em =50 µs)
75
−−
dB
THD
total harmonic distortion
FM mode
fFMMPX = 1 kHz
−−
0.3
%
VFMMPX = 50%; L; pilot on
−−
0.3
%
VFMMPX = 50%; R; pilot on
−−
0.3
%
Vo(bal)
mono channel balance
FM mode
−1
−
+1
dB
α
19
pilot signal suppression
9% pilot; fpilot = 19 kHz; referenced
to 1 kHz at 91% FM modulation;
DEMP = 1 (
τde-em =50 µs)
40
50
−
dB
α
subcarrier suppression
modulation off; referenced to 1 kHz
at 91% FM modulation
fsc = 38 kHz
35
50
−
dB
fsc = 57 kHz
40
−−
dB
fsc = 76 kHz
50
60
−
dB
PSRR
power supply ripple
rejection
FM mode; fripple = 100 Hz;
VCC(AC) =Vripple = 100 mV (RMS)
24
−−
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
oL
V
oR
----------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com