Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEF6894H Datasheet(PDF) 19 Page - NXP Semiconductors

Part # TEF6894H
Description  Car radio integrated signal processor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEF6894H Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button TEF6894H Datasheet HTML 15Page - NXP Semiconductors TEF6894H Datasheet HTML 16Page - NXP Semiconductors TEF6894H Datasheet HTML 17Page - NXP Semiconductors TEF6894H Datasheet HTML 18Page - NXP Semiconductors TEF6894H Datasheet HTML 19Page - NXP Semiconductors TEF6894H Datasheet HTML 20Page - NXP Semiconductors TEF6894H Datasheet HTML 21Page - NXP Semiconductors TEF6894H Datasheet HTML 22Page - NXP Semiconductors TEF6894H Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 55 page
background image
2003 Oct 21
19
Philips Semiconductors
Product specification
Car radio integrated signal processor
TEF6894H
fmax
frequency response
(pins TAPER, TAPEL,
CDR and CDL)
upper
−0.5 dB point; referenced
to 1 kHz
20
−−
kHz
CMRR
common mode rejection
ratio
faudio = 20 Hz to 20 kHz on CD and
PHONE inputs
Gvol =0dB
40
−−
dB
Gvol = −15 dB
55
−−
dB
α
cs
channel separation
faudio = 20 Hz to 20 kHz
60
80
−
dB
α
S
input isolation of one
selected source to any
other input
faudio = 1 kHz
90
105
−
dB
faudio = 20 Hz to 10 kHz
75
90
−
dB
faudio = 20 kHz
70
−−
dB
THD
total harmonic distortion
TAPE and CD inputs
faudio = 20 Hz to 10 kHz;
Vi = 1 V (RMS)
−
0.01
0.1
%
faudio = 1 kHz; Vi = 2 V (RMS);
Gvol =0dB
−
0.02
0.1
%
faudio = 20 Hz to 10 kHz;
Vi = 2 V (RMS); Gvol = −10 dB
−
0.02
0.2
%
faudio = 25 Hz; Vi = 500 mV (RMS);
Gbass = +8 dB; Gvol =0dB
−
0.05
0.2
%
faudio = 4 kHz; Vi = 500 mV (RMS);
Gtreble = +8 dB; Gvol =0dB
−
0.01
0.2
%
NAV input; faudio = 1 kHz;
Vo = 300 mV (RMS)
−−
1%
Vnoise(rms)
noise voltage
(RMS value)
CCIR-ARM weighted and 20 kHz
‘brick wall’ without input signal and
shorted AF inputs
Gvol =0dB
−
12
20
µV
Gbass = +6 dB; Gtreble =+6dB;
Gvol =0dB
−
24
35
µV
Gvol = 20 dB; TAPE input (stereo)
−
71
100
µV
Gvol = 20 dB; CD input
(quasi-differential)
−
100
140
µV
Gvol = −10 dB
−
10
18
µV
Gvol = −40 dB; Gloudness = −20 dB
−
9.5
13.5
µV
outputs muted
−
512
µV
using ‘A-weighting’ filter and
20 kHz ‘brick wall’; Gvol = −10 dB;
Gloudness = −10 dB
−
6.8
10
µV
NAV input
−
16
40
µV
∆G
step
step error (all controls)
between all adjoining
steps, all outputs
G = +20 to
−36 dB
−−
0.5
dB
G=
−36 to −59 dB
−−
1.0
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com