Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEF6894H Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TEF6894H
Description  Car radio integrated signal processor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEF6894H Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TEF6894H Datasheet HTML 4Page - NXP Semiconductors TEF6894H Datasheet HTML 5Page - NXP Semiconductors TEF6894H Datasheet HTML 6Page - NXP Semiconductors TEF6894H Datasheet HTML 7Page - NXP Semiconductors TEF6894H Datasheet HTML 8Page - NXP Semiconductors TEF6894H Datasheet HTML 9Page - NXP Semiconductors TEF6894H Datasheet HTML 10Page - NXP Semiconductors TEF6894H Datasheet HTML 11Page - NXP Semiconductors TEF6894H Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
2003 Oct 21
8
Philips Semiconductors
Product specification
Car radio integrated signal processor
TEF6894H
DGND
41
digital ground
SDA
42
I2C-bus data input or output
SCL
43
I2C-bus clock input
ADDR
44
address select input
SYMBOL
PIN
DESCRIPTION
handbook, full pagewidth
TEF6894H
MHC421
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
LEVEL
GND
SCLG
SDAG
FMMPX
MPXRDS
AM
i.c.
AFHOLD
AFSAMP
FREF
i.c.
NAV
i.c.
RROUT
LROUT
RFOUT
LFOUT
PHCM
PHONE
TAPEL
TAPER
Fig.2 Pin configuration.
7
FUNCTIONAL DESCRIPTION
7.1
Stereo decoder
The FMMPX input is the input for the MPX signal from the
tuner. The input gain can be selected in three settings to
match the input to the RF front-end circuit. A fourth setting
is used for weather band mode, which may require a gain
of 23.5 dB.
A low-pass filter provides the necessary signal delay for
FM noise blanking and suppression of high frequency
interferences into the stereo decoder input. The output
signal of this filter is fed to the roll-off correction circuit. This
circuit compensates the frequency response caused by
the low-pass characteristic of the tuner circuit with its
IF filters. The roll-off correction circuit is adjustable in four
settings to compensate different frequency responses of
the tuner part.
The MPX signal is decoded in the stereo decoder part.
A PLL is used for the regeneration of the 38 kHz
subcarrier. The fully integrated oscillator is adjusted by a
digital auxiliary PLL into the capture range of the main PLL.
The auxiliary PLL needs an external reference frequency
(75.4 kHz) which is provided by the tuner ICs of the NICE
family (TEA684x). The required 19 and 38 kHz signals are
generated by division of the oscillator output signal in a
logic circuit. The 19 kHz quadrature phase signal is fed to
the 19 kHz phase detector, where it is compared with the
incoming pilot tone. The DC output signal of the phase
detector controls the oscillator (PLL).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com