Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEF6894H Datasheet(PDF) 49 Page - NXP Semiconductors

Part # TEF6894H
Description  Car radio integrated signal processor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEF6894H Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button TEF6894H Datasheet HTML 45Page - NXP Semiconductors TEF6894H Datasheet HTML 46Page - NXP Semiconductors TEF6894H Datasheet HTML 47Page - NXP Semiconductors TEF6894H Datasheet HTML 48Page - NXP Semiconductors TEF6894H Datasheet HTML 49Page - NXP Semiconductors TEF6894H Datasheet HTML 50Page - NXP Semiconductors TEF6894H Datasheet HTML 51Page - NXP Semiconductors TEF6894H Datasheet HTML 52Page - NXP Semiconductors TEF6894H Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 55 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
NOISE
DETECT
NOISE
BLANKER
PILOT
CANCEL
INPUT
SELECT
25
26
5
23
24
21
20
22
CDL
7
×
220 nF
220 nF
100
nF
10 nF
CDR
CDCM
TAPEL
TAPER
PHONE
PHCM
7
AM
NICE
6
MPXRDS
1
LEVEL
3
4
SCL
SDA
10
i.c.
8, 12, 13, 14, 15, 19, 31, 33
34, 35, 36, 37, 38, 39, 40
AFSAMP
9
AFHOLD
MHC424
42
SDA
43
SCL
+
+
+
+
+
+
+
−
−
PILOT/
REFERENCE
PLL
STEREO
DECODER
HIGH
CUT
f: 1.5 to 15 kHz/wide
stereo adjust
roll-off correction
fm/am
NOISE
DETECT
nb sensitivity
usn
sensitivity
level
detection timings
and control
usn
sclg
11
FREF
fref
sdag
USN
MPX
snc start, slope
hcc start, slope
sm start, slope
MULTIPATH/
WEAK SIGNAL
DETECTION
AND LOGIC
SNC
HCC
DETECT
SM
hold
sclg
write
autogate
I2C-BUS
INTERFACE
SUPPLY
read
addr
sdag
PULSE
TIMER
TEF6894H
PULSE
TIMER
amnb
amnb
fmsnc
amfm-
softmute
afu-
mute
asi
asi
asi time
asi active
level/off
pitch
on/off
asi
fmnb
amfmhcc
fmnb
fmsnc
amfm-
hcc
wam
sensitivity
amfm-
softmute
LOUDNESS
input select
0 to
−20 dB
low f: 50/100 Hz
high boost
DE-EMPHASIS
50/75
µs
Vref
standby
44
ADDR
41 DGND
18 CREF
17 AGND
22
nF
47
µF
4.7
µF
16
VCC
32
NAV
100 nF
30
RROUT
29
LROUT
28
RFOUT
27
LFOUT
wam
WAM
afus
reset/hold
afumute
Iref
fref
TREBLE
AUDIO STEP INTERPOLATION (asi)
BEEP
+14 to −14 dB
f: 8 to 15 kHz
+14 to −14 dB
f: 60 to 120 Hz
shelve/band-pass
BASS
asi
asi
front/rear
0 to
−59 dB
FRONT/
REAR
FADER
mute:
LF, RF,
LR, RR
mix:
LF, RF,
LR, RR
MUTE
MIX
VOLUME/
BALANCE/
MUTE
vol:
+20 to −59 dB
bal: L/R, 0 to
−79 dB
mute
57 kHz
38 kHz
19 kHz
stereo
DETECT
level
2 GND
Fig.24 Application diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com