Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEF6894H Datasheet(PDF) 45 Page - NXP Semiconductors

Part # TEF6894H
Description  Car radio integrated signal processor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEF6894H Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button TEF6894H Datasheet HTML 41Page - NXP Semiconductors TEF6894H Datasheet HTML 42Page - NXP Semiconductors TEF6894H Datasheet HTML 43Page - NXP Semiconductors TEF6894H Datasheet HTML 44Page - NXP Semiconductors TEF6894H Datasheet HTML 45Page - NXP Semiconductors TEF6894H Datasheet HTML 46Page - NXP Semiconductors TEF6894H Datasheet HTML 47Page - NXP Semiconductors TEF6894H Datasheet HTML 48Page - NXP Semiconductors TEF6894H Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 55 page
background image
2003 Oct 21
45
Philips Semiconductors
Product specification
Car radio integrated signal processor
TEF6894H
Table 59 Fader gain
11.2.15 SUBADDRESS 11H; BALANCE
Table 60 Format of data byte 11H with default setting
Table 61 Description of data byte 11H
Table 62 Balance gain
FAD4
FAD3
FAD2
FAD1
FAD0
FADER CONTROL (dB)
00000
0
00001
−1
00010
−2
:::::
:
01110
−14
01111
−15
10000
−17.5
10001
−20
:::::
:
11010
−42.5
11011
−45
11100
−48
11101
−51
11110
−55
11111
−59
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
BAL6
BAL5
BAL4
BAL3
BAL2
BAL1
BAL0
BALM
00000001
BIT
SYMBOL
DESCRIPTION
7 to 1
BAL[6:0]
Balance gain. See Table 62.
0
BALM
Balance gain mode. 0 = left channel attenuated; 1 = right channel attenuated.
BAL6
BAL5
BAL4
BAL3
BAL2
BAL1
BAL0
BALANCE
CONTROL
(dB)
00000000
0000001
−1
0000010
−2
::::::::
1001101
−77
1001110
−78
1001111
−79
1010000
mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com