Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEF6894H Datasheet(PDF) 28 Page - NXP Semiconductors

Part # TEF6894H
Description  Car radio integrated signal processor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEF6894H Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button TEF6894H Datasheet HTML 24Page - NXP Semiconductors TEF6894H Datasheet HTML 25Page - NXP Semiconductors TEF6894H Datasheet HTML 26Page - NXP Semiconductors TEF6894H Datasheet HTML 27Page - NXP Semiconductors TEF6894H Datasheet HTML 28Page - NXP Semiconductors TEF6894H Datasheet HTML 29Page - NXP Semiconductors TEF6894H Datasheet HTML 30Page - NXP Semiconductors TEF6894H Datasheet HTML 31Page - NXP Semiconductors TEF6894H Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 55 page
background image
2003 Oct 21
28
Philips Semiconductors
Product specification
Car radio integrated signal processor
TEF6894H
11.2.3
SUBADDRESS 5H; CSALIGN
Table 18 Format of data byte 5H with default setting
Table 19 Description of data byte 5H
Table 20 FM stereo channel separation
Table 21 FM stereo channel separation and adjustment
11.2.4
SUBADDRESS 6H; MULTIPATH
Table 22 Format of data byte 6H with default setting
2
−
Not used. Set to logic 0.
1
LETF
Fast level detector time constants. 0 = slow level detector time constants are used;
1 = fast level detector time constants are used. See Table 24.
0
ATTB
Attack bound of the MPH and LEV detector. 0 = detectors are unbounded; 1 = range
of the MPH and LEV detector are limited in their range for immediate start of attack. In
AM mode the detectors are always unbounded.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
CSR1
CSR0
CSA3
CSA2
CSA1
CSA0
−−
010111
−−
BIT
SYMBOL
DESCRIPTION
7 and 6
CSR[1:0]
FM stereo channel separation (high frequency). See Table 20.
5 to 2
CSA[3:0]
FM stereo channel separation and adjustment. See Table 21.
1 and 0
−
Not used. Set to logic 0.
CSR1
CSR0
FM STEREO CHANNEL SEPARATION (dB)
00
0
0
1
0.4
1
0
0.8
1
1
1.2
CSA3
CSA2
CSA1
CSA0
FM STEREO CHANNEL SEPARATION AND
ADJUSTMENT (dB)
0000
0
0001
0.2
::::
:
1110
2.8
1111
3.0
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
USS1
USS0
WAS1
WAS0
LET1
LET0
MPT1
MPT0
01010000
BIT
SYMBOL
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com