Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K628 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT82K628
Description  Windows 2000 Keyboard Encoder
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K628 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT82K628 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
HT82K628A
Rev. 1.60
6
April 16, 2004
Data Stream
Mode 1,2,3
B1:
B2:
b3:
b4:
b5:
B6
b7:
b8:
b9:
b10:
b11:
start bit
always 0
data bit 0
data bit 1
data bit 2
data bit 3
data bit 4
data bit 5
data bit 6
data bit 7
parity bit
(odd par)
stop bit
always 1
Note:
The parity bit is either 1 or 0, and the 8 data bits, plus the parity bit, always have an odd number of 1
ms.
Key Code Set 1
Key Number
and Symbol
Make/Break Code
Key Number
and Symbol
Make/Break Code
1
~
'
29/A9
47
X
2D/AD
2
!
1
02/82
48
C
2E/AE
3
@
2
03/83
49
V
2F/AF
4
#
3
04/84
50
B
30/B0
5
$
4
05/85
51
N
31/B1
6
%
5
06/86
52
M
32/B2
7
^
6
07/87
53
<
,
33/B3
8
&
7
08/88
54
>
.
34/B4
9
*
8
09/89
55
?
/
35/B5
10
(
9
0A/8A
57
Shift (R)
36/B6
11
)
0
0B/8B
58
Ctrl (L)
1D/9D
12
_
-
0C/8C
60
Alt (L)
38/B8
13
+
=
0D/8D
61
Space
39/B9
14
56 7D/D6 FD
62
Alt (R)
E0 38/E0 B8
15
Back Space
0E/8E
64
Ctrl (R)
E0 1D/E0 9D
16
Tab
0F/8F
90
Num Lock
45/C5
17
Q
10/90
91
7
Home
47/C7
18
W
11/91
92
4
¬
4B/CB
19
E
12/92
93
1
End
4F/CF
20
R
13/93
96
8
­
48/C8
21
T
14/94
97
5
4C/CC
22
Y
15/95
98
2
¯
50/D0
23
U
16/96
99
0
Ins
52/D2
24
I
17/97
100
*
37/B7
25
O
18/98
101
9
PgUp
49/C9
26
P
19/99
102
6
®
4D/CD
27
{
[
1A/9A
103
3
PgDn
51/D1
28
}
]
1B/9B
104
.
Del
53/D3
*29
½
\
2B/AB
105
-
4A/CA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com