Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K628 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT82K628
Description  Windows 2000 Keyboard Encoder
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K628 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT82K628 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Pin Description
Pin No.
Pin Name
I/O
Description
10~7, 2~1,
40~39, 29~22,
14~11
R0~R19
O
Keyboard matrix scanning output pins
6~3, 38~35
C0~C7
I
Keyboard matrix scanning input pins
15
VSS
¾
Negative power supply, ground
16
SCROLL
O
Scroll Lock indicator
17
NUM
O
Num Lock indicator
18
DATA
I/O
Bidirectional data transmission line
19
CLOCK
I/O
Synchronous clock signal. Used to clock the transmission data.
20
Fn Select
I
Mini-keyboard select, enables the function if connected to VSS.
21
Macro Key Select
I
Macro Key select, disables the function if connected to VSS.
30
CAPS
O
Caps Lock indicator
31
RESET
I
Chip reset input. Active low. Built-in power-on reset circuit to reset the en-
tire chip. Chip can also be externally reset via RESET pin.
32
VDD
¾
5.0V positive power supply
33
OSC1
I
System clock input; 58.3k
W resistor connected for RC OSC
34
NC
¾
No connection
Absolute Maximum Ratings
Supply Voltage ..........................VSS
-0.3V to VSS+5.5V
Storage Temperature ...........................
-50°Cto125°C
Input Voltage .............................VSS
-0.3V to VDD+0.3V
Operating Temperature ..........................
-25°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
Electrical Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
3
5
5.25
V
IDD
Operating Current (RC OSC)
5V
No load, fSYS= 4MHz
¾
2.5
5
mA
VIL
Input Low Voltage
5V
¾
0
¾
1.5
V
VIH
Input High Voltage
5V
¾
3.5
¾
5V
IOL
Sink Current (C0~C7, R0~R19, DATA, CLOCK)
5V
VOL= 0.5V
16
25
¾
mA
IOH1
Source Current (C0~C7, R0~R19)
5V
VOH= 4.5V
-8
-16
¾
mA
IOH2
Source Current (Scroll, Num, Caps)
5V
VOH= 4.5V
-2.5
-4
¾
mA
ILED
LED Sink Current (Scroll, Num, Caps)
5V
VOL=3.4V
10
18
24
mA
Rph
Internal Pull-high Resistance (C0~C7, R0~R19)
5V
¾
512
20
k
W
Rph1
Internal Pull-high Resistance (DATA, CLOCK)
5V
¾
2
4.7
8
k
W
Rph2
Internal Pull-high Resistance (RESET)5V
¾
25
50
75
k
W
fSYS
System Clock (RC OSC)
5V
¾¾
4
¾
MHz
HT82K628A
Rev. 1.60
2
April 16, 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com