Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K628 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT82K628
Description  Windows 2000 Keyboard Encoder
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K628 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT82K628 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
HT82K628A
Rev. 1.60
8
April 16, 2004
Key Number
and Symbol
Base
Shift/Ctrl
Alt
124
Print Screen
E0 2A E0 37/E0 B7 E0 AA
E0 37/E0 B7
54/D4
Key Number
and Symbol
Base
Ctrl
126
Pause
E1 1D 45 E1 9D C5
E0 46 E0 C6
This key is not typematic, all associated scan codes occur on the make code.
Key Number
and Function
Make/Break code
Default
ACPI
Power
E0 5E/E0 DE
Make/Break
ACPI
Sleep
E0 5F/E0 DF
Make/Break
ACPI
Wake-up
E0 63/E0 E3
Make/Break
Key Number
and Function
Make/Break code
Default
56
Brazil BA0
73/F3
Typematic
131
Japanese J131
7B/FB
Make
132
Japanese J132
79/F9
Make
133
Japanese J133
70/F0
Make
150
Korea KC-L
F1/
-
Make
151
Korea KC-R
F0/
-
Make
Multimedia Key Function
Make/Break code
E-Mail
E0 6C/E0 EC
WWW Home
E0 32/E0 B2
WWW Favorites
E0 66/E0 E6
WWW Search
E065/E0 E5
WWW Refresh
E0 67/E0 E7
WWW Stop
E0 68/E0 E8
WWW Forward
E0 69/E0 E9
WWW Back
E0 6A/E0 EA
Media
E0 6D/E0 ED
Play/Pause
E0 22/E0 A2
Stop
E0 24/E0 A4
Prev Track
E0 10/E0 90
Next Track
E0 19/E0 99
Volume+
E0 30/E0 B0
Volume
-
E0 2E/E0 AE
Mute
E0 20/E0 A0
My Computer
E0 6B/E0 EB
Calculator
E0 21/E0 A1
Screen save
E0 26/E0 A6
Rec
E0 1E/E0 9E
Rew
E0 17/E0 97
Minimize
E0 2D/E0 AD
Eject
E0 11/E0 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com