Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K628 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT82K628
Description  Windows 2000 Keyboard Encoder
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K628 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT82K628 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
HT82K628A
Rev. 1.60
3
April 16, 2004
Functional Description
Command from the Host
The following table shows the commands that the host
may send and their hexadecimal values.
Command
Hex Value
Set/Reset Status Indicators
ED
Echo
EE
Invalid Command
EF
Select Alternate Scan Codes
F0
Invalid Command
F1
Read ID
F2
Set Typematic Rate/Delay
F3
Enable
F4
Default Disable
F5
Set Default
F6
Set All Keys - Typematic
F7
Set All Keys - Make/Break
F8
Set All Keys - Make
F9
Set All Keys - Typematic/Make/Break
FA
Set Key Type - Typematic
FB
Set Key Type - Make/Break
FC
Set Key Type - Make
FD
Resend
FE
Reset
FF
The commands may be sent to the HT82K628A at any
time and the HT82K628A will respond within 25ms ex-
cept when performing the internal diagnostics or execut-
ing a Reset command.
EDH
- Set/Reset Status Indicators
Three status indicators on the keyboard-Num Lock,
Caps Lock, and Scroll Lock-are accessible by the host.
The HT82K628A activates or deactivates these indica-
tors when it receives a valid command-code sequence
from the system. The command sequence begins with
the command byte (hex ED). The HT82K628A responds
to the command byte with ACK, discontinues scanning,
assignments for this option byte are as follow:
Bit
Indicator
0
Scroll Lock Indicator
1
Num Lock Indicator
2
Caps Lock Indicator
3~7
Reserved (Must be 0)
If a bit for an indicator is set to 1, the indicator is turned
on. If a bit is set to 0, the indicator is turned off.
The HT82K628A responds to the option byte with ACK,
sets the indicators and if the HT82K628A was previously
enabled, continues scanning. The status of the indica-
tors will reflect the bits in the option byte and can be acti-
vated or deactivated in any combination. If another
command is received in place of the option byte, execu-
tion of the Set/Reset Mode Indicators command is
stopped, with no change to the indicator status, and the
new command is processed.
Immediately after power-on, the lights default to the off
state. If the Set Default and Default Disable commands
are received, the lamps remain in the state they were in
before the command was received.
EEH
- Echo
Echo is a diagnostic aid. When the HT82K628A re-
ceives this command, it issues a hex EE response and if
the HT82K628A was previously enabled, continues
scanning.
EFH and F1H
- Invalid Command
EFh and F1h are invalid commands and are not sup-
ported. If HT82K628A receives one of these and sends
it, the HT82K628A will not acknowledge the command,
but returns a Resend command and continues in its pre-
vious scanning state.
F0H
- Select Alternate Scan Codes
This command instructs the HT82K628A to select one of
the three sets of scan codes. The HT82K628A acknowl-
edges receipt of this command with ACK, clears both
the output buffer and the typematic key. The host then
sends the option byte and the keyboard responds with
another ACK. An option byte value of hex 01 selects
scan code set 1, hex 02 selects set 2 and hex 03 selects
code set3.
An option byte value of hex 00 causes the HT82K628A
to acknowledge with ACK and sends a byte telling the
host which scan code set is currently in use.
After establishing the new scan code set, the
HT82K628A returns to the scanning state it was in be-
fore receiving the Select Alternate Scan Codes com-
mand.
F2H
- Read ID
This command requests identification information from
the HT82K628A. The HT82K628A responds with ACK,
discontinues scanning and sends the two keyboard ID
bytes hex 83h and Abh. After the output of the second ID
byte, the HT82K628A resumes scanning.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com