Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K628 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT82K628
Description  Windows 2000 Keyboard Encoder
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K628 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT82K628 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
HT82K628A
Rev. 1.60
7
April 16, 2004
Key Number
and Symbol
Make/Break Code
Key Number
and Symbol
Make/Break Code
30
Caps Lock
3A/BA
106
+
4E/CE
31
A
1E/9E
107
7E/FE
32
S
1F/9F
108
Enter
E0 1C/E0 9C
33
D
20/A0
110
ESC
01/81
34
F
21/A1
112
F1
3B/BB
35
G
22/A2
113
F2
3C/BC
36
H
23/A3
114
F3
3D/BD
37
J
24/A4
115
F4
3E/BE
38
K
25/A5
116
F5
3F/BF
39
L
26/A6
117
F6
40/C0
40
:
;
27/A7
118
F7
41/C1
41
“
‘
28/A8
119
F8
42/C2
**42
½
\
2B/AB
120
F9
43/C3
43
Enter
1C/9C
121
F10
44/C4
44
Shift (L)
2A/AA
122
F11
57/D7
**45
Macro
56/D6
123
F12
58/D8
46
Z
2C/AC
125
Scroll Lock
46/C6
*101-Key Keyboard Only
**102-Key Keyboard Only
Key Number
and Symbol
Base Case
Shift+Num
Left-Shift
Right-Shift
Num Lock
75
76
79
80
81
83
84
85
86
89
Insert
Delete
¬
Home
End
­
¯
PgUp
PgDn
®
E0 52
/E0 D2
E0 53
/E0 D3
E0 4B
/E0 CB
E0 47
/E0 C7
E0 4F
/E0 CF
E0 48
/E0 C8
E0 50
/E0 D0
E0 49
/E0 C9
E0 51
/E0 D1
E0 4D
/E0 CD
E0 AA E0 52
/E0 D2 E0 2A
E0 AA E0 53
/E0 D3 E0 2A
E0 AA E0 4B
/E0 CB E0 2A
E0 AA E0 47
/E0 C7 E0 2A
E0 AA E0 4F
/E0 CF E0 2A
E0 AA E0 48
/E0 C8 E0 2A
E0 AA E0 50
/E0 D0 E0 2A
E0 AA E0 49
/E0 C9 E0 2A
E0 AA E0 51
/E0 D1 E0 2A
E0 AA E0 4D
/E0 CD E0 2A
E0 B6 E0 52
/E0 D2 E0 36
E0 B6 E0 53
/E0 D3 E0 36
E0 B6 E0 4B
/E0 CB E0 36
E0 B6 E0 47
/E0 C7 E0 36
E0 B6 E0 4F
/E0 CF E0 36
E0 B6 E0 48
/E0 C8 E0 36
E0 B6 E0 50
/E0 D0 E0 36
E0 B6 E0 49
/E0 C9 E0 36
E0 B6 E0 51
/E0 D1 E0 36
E0 B6 E0 4D
/E0 CD E0 36
E0 2A E0 52
/E0 D2 E0 AA
E0 2A E0 53
/E0 D3 E0 AA
E0 2A E0 4B
/E0 CB E0 AA
E0 2A E0 47
/E0 C7 E0 AA
E0 2A E0 4F
E0 CF E0 AA
E0 2A E0 48
E0 C8 E0 AA
E0 2A E0 50
/E0 D0 E0 AA
E0 2A E0 49
/E0 C9 E0 AA
E0 2A E0 51
E0 D1 E0 AA
E0 2A E0 4D
E0 CD E0 AA
L Win
E0 5B
E0 AA E0 5B
E0 B6 E0 5B
E0 2A E0 5B
/E0 DB
/E0 DB E0 2A
/E0 DB E0 36
/E0 DB E0 AA
R Win
E0 5C
E0 AA E0 5C
E0 B6 E0 5C
E0 2A E0 5C
/E0 DC
/E0 DC E0 2A
/E0 DC E0 36
/E0 DC E0 AA
APP
E0 5D
E0 AA E0 5D
E0 B6 E0 5D
E0 2A E0 5D
/E0 DD
/E0 DD E0 2A
/E0 DD E0 36
/E0 DD E0 AA
When both shift keys are held down:
key number 75
Both Shift
E0 AA E0 B6 E0 52/E0 D2 E0 2A E0 36
Key Number
and Symbol
Base
Left-Shift
Right-Shift
95
/
E0 35/E0 B5
E0 AA E0 35/E0 B5 E0 2A E0 B6 E0 35/E0 B5 E0 36
When both shift keys are held down: key number 95
Both Shift
E0 AA E0 B6 E0 35/E0 B5 E0 2A E0 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com