Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K628 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT82K628
Description  Windows 2000 Keyboard Encoder
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K628 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT82K628 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 12Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 13Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 14Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 15Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 16Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 17Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 18Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Application Circuits
Note:
Fn Select
® GND: Enable the Mini Keyboard
Macro Key Select
® GND: Disable the Macro Key
HT82K628A
Rev. 1.60
16
April 16, 2004
H T 8 2 K 6 2 8 A
0 . 1 m F
V D D
G N D
L E D 2
V D D
F . B .
C A P
N U M
S C R
R E S E T
C L K
3 2
1 5
3 0
3 1
1 9
1 8
V D D
V S S
1 0 m F
1 7
1 6
L E D 1
L E D 0
D A T A
C L O C K
V D D
4 7 k W
0 . 1 m F
D A T A
O S C 1
V D D
F n S e l e c t
M a c r o K e y s e l e c t
3 3
2 0
2 1
C 0
C 1
C 2
C 3
C 4
C 5
C 6
C 7
R 0
R 1
R 2
R 3
R 4
R 5
R 6
R 7
R 8
R 9
R 1 0
R 1 1
R 1 2
R 1 3
R 1 4
R 1 5
R 1 6
R 1 7
R 1 8
R 1 9
6
5
4
3
3 8
3 7
3 6
3 5
1 0
9
8
7
2
1
4 0
3 9
2 9
2 8
2 7
2 6
2 5
2 4
2 3
2 2
1 4
1 3
1 2
1 1
5 8 . 3 k W
1 N 4 1 4 8
o p t i o n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com