Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K628 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT82K628
Description  Windows 2000 Keyboard Encoder
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K628 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT82K628 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 12Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
HT82K628A
Rev. 1.60
9
April 16, 2004
Key Code Set 2
Key Number
and Symbol
Make/Break Code
Key Number
and Symbol
Make/Break Code
1
~
'
0E/F0 0E
47
X
22/F0 22
2
!
1
16/F0 16
48
C
21/F0 21
3
@
2
1E/F0 1E
49
V
2A/F0 2A
4
#
3
26/F0 26
50
B
32/F0 32
5
$
4
25/F0 25
51
N
31/F0 31
6
%
5
2E/F0 2E
52
M
3A/F0 3A
7
^
6
36/F0 36
53
<
,
41/F0 41
8
&
7
3D/F0 3D
54
>
.
49/F0 49
9
*
8
3E/F0 3E
55
?
/
4A/F0 4A
10
(
9
46/F0 46
57
Shift (R)
59/F0 59
11
)
0
45/F0 45
58
Ctrl (L)
14/F0 14
12
_
-
4E/F0 4E
60
Alt (L)
11/F0 11
13
+
=
55/F0 55
61
Space
29/F0 29
14
6A/F0 6A
62
Alt (R)
E0 11/E0 F0 11
15
Back Space
66/F0 66
64
Ctrl (R)
E0 14/E0 E0 F0 14
16
Tab
0D/F0 0D
90
Num Lock
77/F0 77
17
Q
15/F0 15
91
7
Home
6C/F0 6C
18
W
1D/F0 1D
92
4
¬
6B/F0 6B
19
E
24/F0 24
93
1
End
69/F0 69
20
R
2D/F0 2D
96
8
­
75/F0 75
21
T
2C/F0 2C
97
5
73/F0 73
22
Y
35/F0 35
98
2
¯
72/F0 72
23
U
3C/F0 3C
99
0
Ins
70/F0 70
24
I
43/F0 43
100
*
7C/F0 7C
25
O
44/F0 44
101
9
PgUp
7D/F0 7D
26
P
4D/F0 4D
102
6
®
74/ F0 74
27
{
[
54/F0 54
103
3
PgDn
7A/ F0 7A
28
}
]
5B/F0 5B
104
.
Del
71/F0 71
*29
½
\
5D/F0 5D
105
-
7B/F0 7B
30
Caps Lock
58/F0 58
106
+
79/F0 79
31
A
1C/F0 1C
107
6D/F0 6D
32
S
1B/F0 1B
108
Enter
E0 5A/E0 F0 5A
33
D
23/F0 23
110
ESC
76/F0 76
34
F
2B/F0 2B
112
F1
05/F0 05
35
G
34/F0 34
113
F2
06/F0 06
36
H
33/F0 33
114
F3
04/F0 04
37
J
3B/F0 3B
115
F4
0C/F0 0C
38
K
42/F0 42
116
F5
03/F0 03
39
L
4B/F0 4B
117
F6
0B F0 0B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com