Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K628 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT82K628
Description  Windows 2000 Keyboard Encoder
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K628 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT82K628 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
HT82K628A
Rev. 1.60
5
April 16, 2004
FEH
- Resend
The host sends this command when it detects an error in
any transmission from the HT82K628A. It is sent only af-
ter a data transmission and before the host allows the
next data output. When a Resend is received, the
HT82K628A sends the previous output again (unless
the previous output was Resend, in which case the
HT82K628A sends the last byte before the Resend
command).
Commands to the Host
The following table shows the commands that the
HT82K628A may send to the host, and their hexadeci-
mal values.
Command
Hex Value
Key Detection Error/Overrun 00 (Code Set 2 and 3)
Keyboard ID
83AB
Bat Completion Code
AA
Bat Failure Core
FC
Echo
EE
Acknowledge
FA
Resend
FE
Key Detection Error/Overrun
FF (Code Set 1)
00H or FFH
- Key Detection Error
The HT82K628A sends a key detection error character if
conditions in the keyboard make it impossible to identify
a switch closure. If the HT82K628A is using scan code
set 1, the code is FFH. For sets 2 and 3, the code is 00H.
00H or FFH
- Overrun
An overrun character is placed in the HT82K628A buffer
and replaces the last code when the buffer capacity has
been exceeded. The code is sent to the host when it
reaches the top of the buffer queue. If the HT82K628A is
using scan code set 1, the code is FFH. For sets 2 and 3,
the code is 00H.
83AbH
- Keyboard ID
The keyboard ID consists of 2 bytes, Hex 83AbH. The
HT82K628A responds to the Read ID with ACK, discon-
tinues scanning and sends 2 ID bytes. The low byte is
sent first followed by the high byte. Following the output
of Keyboard ID, the HT82K628A begins scanning.
EEH
- Echo
The HT82K628A sends this code in response to an
Echo command.
AAH
- BAT Completion Code
Following satisfactory completion of the BAT, the
HT82K628A sends AAH. Any other code indicates key-
board failure.
FCH
- BAT Failure Code
If a BAT failure occurs, the HT82K628A sends this code,
discontinues scanning and waits for a host response or
reset.
FEH
- Resend
The HT82K628A issues a Resend command following
receipt of an invalid input or any input with incorrect par-
ity. If the host sends nothing to the HT82K628A, no re-
sponse is required.
Data Communications
· Data output
¨ If CLK=0, no transmission (keyboard is inhibited).
¨ If CLK=1, DATA=0, no transmission (system re-
quest to send).
¨ If CLK=1, DATA=1, transmission permitted.
¨ Data will be valid before the trailing edge and be-
yond the leading edge of the clock.
¨ The KB checks the clock line for an active level of at
least every 60ms.
¨ If line contention occurs (system brings the clock
low before the tenth clock), set clock=data=high.
· Data input
¨ The system overrides the clock line for at least
60ms.
¨ The keyboard checks the clock line state at inter-
vals of 10ms
¨ If a system request-to-send is detected, the key-
board counts 11 data bits.
¨ Data will be valid before the rising edge and beyond
the falling edge
¨ After the 10th bit, the keyboard checks for an active
level on the
²data² line. If the line is active it is forced
to be inactive, and counts one more bit.
Note: This action signals the system that the
keyboard has received its data. Upon
reception of this signal, the system returns
to the ready state, in which it can accept
keyboard outputs or goes to the inhibit
state until it is ready.
If the keyboard
²data² line is found to be at an inactive
level following the 10th bit, a frame error has occurred,
and the keyboard continues to count until the
²data²
line becomes active. The keyboard then makes the
²data² line inactive and sends a Resend.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com