Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K628 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT82K628
Description  Windows 2000 Keyboard Encoder
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K628 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT82K628 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 12Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 13Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
HT82K628A
Rev. 1.60
10
April 16, 2004
Key Number
and Symbol
Make/Break Code
Key Number
and Symbol
Make/Break Code
40
:
;
4C/F0 4C
118
F7
83/F0 83
41
52/F0 52
119
F8
0A/F0 0A
**42
½
\
5D/F0 5D
120
F9
01/F0 01
43
Enter
5A/F0 5A
121
F10
09/F0 09
44
Shift (L)
12/F0 12
122
F11
78/F0 78
**45
Macro
61/F0 61
123
F12
07/F0 07
46
Z
1A/F0 1A
125
Scroll Lock
7E/F0 7E
*101-Key Keyboard Only
**102-Key Keyboard Only
Key Number
and Symbol
Base Case
Shift+Num
Left-Shift
Right-Shift
Num Lock
75
76
79
80
81
83
84
85
86
89
Insert
Delete
¬
Home
End
­
¯
PgUp
PgDn
®
E0 70
/E0 F0 70
E0 71
/E0 F0 71
E0 6B
/E0 F0 6B
E0 6C
/E0 F0 6C
E0 69
/E0 F0 69
E0 75
/E0 F0 75
E0 72
/E0 F0 72
E0 7D
/E0 F0 7D
E0 7A
/E0 F0 7A
E0 74
/E0 F0 74
E0 F0 12 E0 70
/E0 F0 70 E0 12
E0 F0 12 E0 71
/E0 F0 71 E0 12
E0 F0 12 E0 6B
/E0 F0 6B E0 12
E0 F0 12 E0 6C
/E0 F0 6C E0 12
E0 F0 12 E0 69
/E0 F0 69 E0 12
E0 F0 12 E0 75
/E0 F0 75 E0 12
E0 F0 12 E0 72
/E0 F0 72 E0 12
E0 F0 12 E0 7D
/E0 F0 7D E0 12
E0 F0 12 E0 7A
/E0 F0 7A E0 12
E0 F0 12 E0 74
/E0 F0 74 E0 12
E0 F0 59 E0 70
/E0 F0 70 E0 59
E0 F0 59 E0 71
/E0 F0 71 E0 59
E0 F0 59 E0 6B
/E0 F0 6B E0 59
E0 F0 59 E0 6C
/E0 F0 6C E0 59
E0 F0 59 E0 69
/E0 F0 69 E0 59
E0 F0 59 E0 75
/E0 F0 75 E0 59
E0 F0 59 E0 72
/E0 F0 72 E0 59
E0 F0 59 E0 7D
/E0 F0 7D E0 59
E0 F0 59 E0 7A
/E0 F0 7A E0 59
E0 F0 59 E0 74
/E0 F0 74 E0 59
E0 12 E0 70
/E0 F0 70 E0 F0 12
E0 12 E0 71
/E0 F0 71 E0 F0 12
E0 12 E0 6B
/E0 F0 6B E0 F0 12
E0 12 E0 6C
/E0 F0 6C E0 F0 12
E0 12 E0 69
/E0 F0 69 E0 F0 12
E0 12 E0 75
/E0 F0 75 E0 F0 12
E0 12 E0 72
/E0 F0 72 E0 F0 12
E0 12 E0 7D
/E0 F0 7D E0 F0 12
E0 12 E0 7A
/E0 F0 7A E0 F0 12
E0 12 E0 74
/E0 F0 74 E0 F0 12
L Win
E0 1F
E0 F0 12 E0 1F
E0 F0 59 E0 1F
E0 12 E0 1F
/E0 F0 1F
/E0 F0 1F E0 12
/E0 F0 1F E0 59
/E0 F0 1F E0 F0 12
R Win
E0 27
E0 F0 12 E0 27
E0 F0 59 E0 27
E0 12 E0 27
/E0 F0 27
/E0 F0 27 E0 12
/E0 F0 27 E0 59
/E0 F0 27 E0 F0 12
APP
E0 2F
E0 F0 12 E0 2F
E0 F0 59 E0 2F
E0 12 E0 2F
/E0 F0 2F
/E0 F0 2F E0 12
/E0 F0 2F E059
/E0 F0 2F E0 F0 12
When both shift keys are held down:
key number 75
Both Shift
E0 AA E0 B6 E0 52/E0 D2 E0 2A E0 36
Key Number
and Symbol
Base
Left-Shift
Right-Shift
95
/
E0 4A/E0 F0 4A E0 F0 12 E0 4A/E0 F0 4A E0 12
E0 F0 59 E0 4A/E0 F0 4A E0 59
When both shift keys are held down:
key number 95
Both Shift
E0 F0 12 E0 F0 59 E0 4A/E0 F0 4A E0 12 E0 59
Key Number
and Symbol
Base
Shift/Ctrl
Alt
124
Print Screen
E0 12 E0 7C/E0 F0 7C E0 F0 12
E0 7C/E0 F0 7C
84/F0 84
Key Number
and Symbol
Base
Ctrl
126
Pause
E1 14 77 E1 F0 14 F0 77
E0 7E E0 F0 7E
This key is not typematic, all associated scan codes occur on the make code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com