Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K628 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT82K628
Description  Windows 2000 Keyboard Encoder
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K628 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT82K628 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
HT82K628A
Windows 2000 PS/2 Keyboard Encoder
Pin Assignment
Rev. 1.60
1
April 16, 2004
Features
· Design for Windows 95/98/NT/2000/XP
· Supports WindowsTM keys
· Supports PC/AT and PS/2 code set 1, 2, 3
· Supports Japanese , Korean , Brazilian and
European
· RC oscillator
· Phantom key detection
· Low power consumption
· 101/102/104/105/107/109 keys or other special ap-
plication keyboard encoder
· 8 external hot keys
· Supports Mini-keyboard and Internet/Multimedia
keyboard
· WINDOWS is a registered trademark of Microsoft
corporation
· 40-pin DIP package
General Description
The HT82K628A is a keyboard encoder designed for
IBM PC/AT, IBM PS/2 and all compatible machines.
The HT82K628A accepts keyboard inputs and provides
a 16-character first-in-first-out buffer in which data is
stored.
An inexpensive RC oscillator can be used for the system
clock. Simple implementation of this device is an advan-
tage for high performance and low cost keyboard appli-
cations.
4 0
3 9
3 8
3 7
3 6
3 5
3 4
3 3
3 2
3 1
3 0
2 9
2 8
2 7
2 6
2 5
2 4
2 3
2 2
2 1
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
1 5
1 6
1 7
1 8
1 9
2 0
R 5
R 4
C 3
C 2
C 1
C 0
R 3
R 2
R 1
R 0
R 1 9
R 1 8
R 1 7
R 1 6
V S S
S C R O L L
N U M
D A T A
C L O C K
F n S e l e c t
R 6
R 7
C 4
C 5
C 6
C 7
N C
O S C 1
V D D
R E S E T
C A P S
R 8
R 9
R 1 0
R 1 1
R 1 2
R 1 3
R 1 4
R 1 5
M a c r o K e y s e l e c t
H T 8 2 K 6 2 8 A
4 0 D I P - A


Similar Part No. - HT82K628

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82K629A HOLTEK-HT82K629A Datasheet
168Kb / 23P
Windows 2000 USBPS/2 Keyboard Encoder
April 16, 2004
More results

Similar Description - HT82K628

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM83049 EMC-EM83049 Datasheet
96Kb / 17P
KEYBOARD ENCODER
EM83050H EMC-EM83050H Datasheet
116Kb / 20P
KEYBOARD ENCODER
EM83053A EMC-EM83053A Datasheet
210Kb / 24P
KEYBOARD ENCODER
EM83055H EMC-EM83055H Datasheet
197Kb / 22P
KEYBOARD ENCODER
EM83100A EMC-EM83100A Datasheet
147Kb / 6P
RF KEYBOARD ENCODER
logo
Holtek Semiconductor In...
HT82K629A HOLTEK-HT82K629A Datasheet
168Kb / 23P
Windows 2000 USBPS/2 Keyboard Encoder
April 16, 2004
logo
List of Unclassifed Man...
SC83053 ETC-SC83053 Datasheet
483Kb / 27P
KEYBOARD ENCODER
logo
ELAN Microelectronics C...
EKK8301 EMC-EKK8301 Datasheet
566Kb / 30P
Keyboard Encoder
logo
List of Unclassifed Man...
AY53600 ETC1-AY53600 Datasheet
249Kb / 6P
Keyboard Encoder
AY-5-3600 ETC1-AY-5-3600 Datasheet
249Kb / 6P
Keyboard Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com