Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K628 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT82K628
Description  Windows 2000 Keyboard Encoder
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K628 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT82K628 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 12Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 13Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 14Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
HT82K628A
Rev. 1.60
11
April 16, 2004
Key Number
and Function
Make/Break code
Default
ACPI
Power
E0 37/E0 F0 37
Make/Break
ACPI
Sleep
E0 3F/E0 F0 3F
Make/Break
ACPI
Wake-up
E0 5E/E0 F0 5E
Make/Break
Key Number
and Function
Make/Break code
Default
56
Brazil BA0
51/F0 51
Typematic
131
Japanese J131
67/F0 67
Make
132
Japanese J132
64/F0 64
Make
133
Japanese J133
13/F0 13
Make
150
Korea KC-L
F1/
-
Make
151
Korea KC-R
F2/
-
Make
Multimedia Key Function
Make/Break code
E-Mail
E0 48/E0 F0 48
WWW Home
E0 3A/E0 F0 3A
WWW Favorites
E0 18/E0 F0 18
WWW Search
E0 10/E0 F0 10
WWW Refresh
E0 20/E0 F0 20
WWW Stop
E0 28/E0 F0 28
WWW Forward
E0 30/E0 F0 30
WWW Back
E0 38/E0 F0 38
Media
E0 50/E0 F0 50
Play/Pause
E0 34/E0 F0 34
Stop
E0 3B/E0 F0 3B
Prev Track
E0 15/E0 F0 15
Next Track
E0 4D/E0 F0 4D
Volume+
E0 32/E0 F0 32
Volume
-
E0 21/E0 F0 21
Mute
E0 23/E0 F0 23
My Computer
E0 40/E0 F0 40
Calculator
E0 2B/E0 F0 2B
Screen save
E0 4B/E0 F0 4B
Rec
E0 1C/E0 F0 1C
Rew
E0 43/E0 F0 43
Minimize
E0 22/E0 F0 22
Eject
E0 1D/E0 F0 1D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com