Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K628 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT82K628
Description  Windows 2000 Keyboard Encoder
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K628 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT82K628 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 12Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 13Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 14Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 15Page - Holtek Semiconductor Inc HT82K628 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
HT82K628A
Rev. 1.60
12
April 16, 2004
Key Code Set 3
Key
Number
Make
/Break Code
Default
Key State
Key
Number
Make
/Break Code
Default
Key State
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
*29
30
31
32
0E/F0 0E
16/F0 16
1E/F0 1E
26/F0 26
25/F0 25
2E/F0 2E
36/F0 36
3D/F0 3D
3E/F0 3E
46/F0 46
45/F0 45
4E/F0 4E
55/F0 55
5D/F0 5D
66/F0 66
0D /F0 0D
15/F0 15
1D/F0 1D
24/F0 24
2D/F0 2D
2C/F0 2C
35/F0 35
3C/F0 3C
43/F0 43
44/F0 44
4D/F0 4D
54/F0 54
5B/F0 5B
5C/F0 5C
14/F0 14
1C/F0 1C
1B/F0 1B
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Make/Break
Typematic
Typematic
55
57
58
59
60
61
62
63
64
75
76
79
80
81
83
84
85
86
89
90
91
92
93
95
96
97
98
99
100
101
102
103
4A/F0 4A
59/F0 59
11/F0 11
8B/F0 8B
19/F0 19
29/F0 29
39/F0 39
8C/F0 8C
58/F0 58
67/F0 67
64/F0 64
61/F0 61
6E/F0 6E
65/F0 65
63/F0 63
60/F0 60
6F/F0 6F
6D/F0 6D
6A/F0 6A
76/F0 76
6C/F0 6C
6B/F0 6B
69/F0 69
77/F0 77
75/F0 75
73/F0 73
72/F0 72
70/F0 70
7E/F0 7E
7D/F0 7D
74/F0 74
7A/F0 7A
Typematic
Make/Break
Make/Break
Make/Break
Make/Break
Typematic
Make Only
Make/Break
Make Only
Make Only
Typematic
Typematic
Make Only
Make Only
Typematic
Typematic
Make Only
Make Only
Typematic
Make Only
Make Only
Make Only
Make Only
Make Only
Make Only
Make Only
Make Only
Make Only
Make Only
Make Only
Make Only
Make Only
33
34
35
36
37
38
39
40
41
**42
43
44
**45
46
47
48
49
50
51
52
53
54
23/F0 23
2B/F0 2B
34/F0 34
33/F0 33
3B/F0 3B
42/F0 42
4B/F0 4B
4C/F0 4C
52/F0 52
53/F0 53
5A/F0 5A
12/F0 12
13/F0 13
1A/F0 1A
22/F0 22
21/F0 21
2A/F0 2A
32/F0 32
31/F0 31
3A/F0 3A
41/F0 41
49/F0 49
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Make/Break
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
Typematic
104
105
106
107
108
110
112
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
71/F0 71
84/F0 84
7C/F0 7C
7B/F0 7B
79/F0 79
08/F0 08
07/F0 07
0F/F0 0F
17/F0 17
1F/F0 1F
27/F0 27
2F/F0 2F
37/F0 37
3F/F0 3F
47/F0 47
4F/F0 4F
56/F0 56
5E/F0 5E
57/F0 57
5F/F0 5F
62/F0 62
8D/F0 8D
Make Only
Make Only
Typematic
Make Only
Make Only
Make Only
Make Only
Make Only
Make Only
Make Only
Make Only
Make Only
Make Only
Make Only
Make Only
Make Only
Make Only
Make Only
Make Only
Make Only
Make Only
Typematic
*101-Key Keyboard Only
**102-Key Keyboard Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com