Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT91SAM
Description  High-performance 32-bit RISC Architecture
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM Datasheet(HTML) 1 Page - ATMEL Corporation

  AT91SAM_14 Datasheet HTML 1Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 2Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 3Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 4Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 5Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 6Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 7Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 8Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
This is a summary document.
The complete document is
available on the Atmel website
at www.atmel.com.
6175KS–ATARM–25-Oct-12
Features
• Incorporates the ARM7TDMI® ARM® Thumb® Processor
– High-performance 32-bit RISC Architecture
– High-density 16-bit Instruction Set
– Leader in MIPS/Watt
– EmbeddedICE™ In-circuit Emulation, Debug Communication Channel Support
• Internal High-speed Flash
– 512 Kbytes (SAM7S512) Organized in Two Contiguous Banks of 1024 Pages of 256
Bytes (Dual Plane)
– 256 Kbytes (SAM7S256) Organized in 1024 Pages of 256 Bytes (Single Plane)
– 128 Kbytes (SAM7S128) Organized in 512 Pages of 256 Bytes (Single Plane)
– 64 Kbytes (SAM7S64) Organized in 512 Pages of 128 Bytes (Single Plane)
– 32 Kbytes (SAM7S321/32) Organized in 256 Pages of 128 Bytes (Single Plane)
– 16 Kbytes (SAM7S161/16) Organized in 256 Pages of 64 Bytes (Single Plane)
– Single Cycle Access at Up to 30 MHz in Worst Case Conditions
– Prefetch Buffer Optimizing Thumb Instruction Execution at Maximum Speed
– Page Programming Time: 6 ms, Including Page Auto-erase, Full Erase Time: 15 ms
– 10,000 Write Cycles, 10-year Data Retention Capability, Sector Lock Capabilities, Flash
Security Bit
– Fast Flash Programming Interface for High Volume Production
• Internal High-speed SRAM, Single-cycle Access at Maximum Speed
– 64 Kbytes (SAM7S512/256)
– 32 Kbytes (SAM7S128)
– 16 Kbytes (SAM7S64)
– 8 Kbytes (SAM7S321/32)
– 4 Kbytes (SAM7S161/16)
• Memory Controller (MC)
– Embedded Flash Controller, Abort Status and Misalignment Detection
• Reset Controller (RSTC)
– Based on Power-on Reset and Low-power Factory-calibrated Brown-out Detector
– Provides External Reset Signal Shaping and Reset Source Status
• Clock Generator (CKGR)
– Low-power RC Oscillator, 3 to 20 MHz On-chip Oscillator and one PLL
• Power Management Controller (PMC)
– Software Power Optimization Capabilities, Including Slow Clock Mode (Down to 500
Hz) and Idle Mode
– Three Programmable External Clock Signals
• Advanced Interrupt Controller (AIC)
– Individually Maskable, Eight-level Priority, Vectored Interrupt Sources
– Two (SAM7S512/256/128/64/321/161) or One (SAM7S32/16) External Interrupt Source(s)
and One Fast Interrupt Source, Spurious Interrupt Protected
AT91SAM
ARM-based Flash MCU
SAM7S512 SAM7S256 SAM7S128 SAM7S64
SAM7S321 SAM7S32 SAM7S161 SAM7S16
Summary


Similar Part No. - AT91SAM_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM ATMEL-AT91SAM_13 Datasheet
4Mb / 775P
ARM-based Flash MCU
More results

Similar Description - AT91SAM_14

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB-R2000A SIEMENS-SAB-R2000A Datasheet
1Mb / 79P
HIGH PERFORMANCE 32-BIT RISC MICROPROCESSOR
logo
ATMEL Corporation
AT91SAM7L128PRE ATMEL-AT91SAM7L128PRE Datasheet
8Mb / 564P
numberHigh-performance 32-bit RISC Architecture
AT91M40800 ATMEL-AT91M40800_14 Datasheet
248Kb / 18P
High-performance 32-bit RISC Architecture
AT91M42800A ATMEL-AT91M42800A_14 Datasheet
423Kb / 27P
High-performance 32-bit RISC Architecture
AT91M55800A ATMEL-AT91M55800A_14 Datasheet
505Kb / 256P
High-performance 32-bit RISC Architecture
AT91R40008 ATMEL-AT91R40008_14 Datasheet
275Kb / 19P
High-performance 32-bit RISC Architecture
AT91SAM7A3 ATMEL-AT91SAM7A3_14 Datasheet
466Kb / 39P
High-performance 32-bit RISC Architecture
AT91SAM7XC512 ATMEL-AT91SAM7XC512_14 Datasheet
764Kb / 47P
High-performance 32-bit RISC Architecture
SAM7SE512 ATMEL-SAM7SE512_14 Datasheet
818Kb / 47P
High-performance 32-bit RISC Architecture
logo
NXP Semiconductors
MMC2001 NXP-MMC2001 Datasheet
3Mb / 259P
32-bit load/store RISC architecture
Revision 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com