Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM Datasheet(PDF) 34 Page - ATMEL Corporation

Part # AT91SAM
Description  High-performance 32-bit RISC Architecture
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button AT91SAM_14 Datasheet HTML 30Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 31Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 32Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 33Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 34Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 35Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 36Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 37Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
34
SAM7S Series [DATASHEET]
6175KS–ATARM–25-Oct-12
10.3 Peripheral Multiplexing on PIO Lines
The SAM7S Series features one PIO controller, PIOA, that multiplexes the I/O lines of the peripheral set.
PIO Controller A controls 32 lines (21 lines for SAM7S32/16). Each line can be assigned to one of two peripheral
functions, A or B. Some of them can also be multiplexed with the analog inputs of the ADC Controller.
Table 10-3, “Multiplexing on PIO Controller A (SAM7S512/256/128/64/321/161),” on page 35 and Table 10-4,
“Multiplexing on PIO Controller A (SAM7S32/16),” on page 36 define how the I/O lines of the peripherals A, B or the
analog inputs are multiplexed on the PIO Controller A. The two columns “Function” and “Comments” have been inserted
for the user’s own comments; they may be used to track how pins are defined in an application.
Note that some peripheral functions that are output only may be duplicated in the table.
All pins reset in their Parallel I/O lines function are configured as input with the programmable pull-up enabled, so that the
device is maintained in a static state as soon as a reset is detected.
Table 10-2. Peripheral Identifiers (SAM7S32/16)
Peripheral
ID
Peripheral
Mnemonic
Peripheral
Name
External
Interrupt
0
AIC
Advanced Interrupt Controller
FIQ
1
SYSC(1)
System
2
PIOA
Parallel I/O Controller A
3
Reserved
4ADC(1)
Analog-to Digital Converter
5
SPI
Serial Peripheral Interface
6US
USART
7
Reserved
8
SSC
Synchronous Serial Controller
9
TWI
Two-wire Interface
10
PWMC
PWM Controller
11
Reserved
12
TC0
Timer/Counter 0
13
TC1
Timer/Counter 1
14
TC2
Timer/Counter 2
15 - 29
Reserved
30
AIC
Advanced Interrupt Controller
IRQ0
31
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com