Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM Datasheet(PDF) 41 Page - ATMEL Corporation

Part # AT91SAM
Description  High-performance 32-bit RISC Architecture
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button AT91SAM_14 Datasheet HTML 37Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 38Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 39Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 40Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 41Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 42Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 43Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 44Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 50 page
background image
41
SAM7S Series [DATASHEET]
6175KS–ATARM–25-Oct-12
Table 11-1. 48-lead LQFP Package Dimensions (in mm)
Symbol
Millimeter
Inch
Min
Nom
Max
Min
Nom
Max
A–
1.60
0.063
A1
0.05
0.15
0.002
0.006
A2
1.35
1.40
1.45
0.053
0.055
0.057
D
9.00 BSC
0.354 BSC
D1
7.00 BSC
0.276 BSC
E
9.00 BSC
0.354 BSC
E1
7.00 BSC
0.276 BSC
R2
0.08
0.20
0.003
0.008
R1
0.08
0.003
q
0°3.5°
0°3.5°
θ1
θ2
11°
12°
13°
11°
12°
13°
θ3
11°
12°
13°
11°
12°
13°
c
0.09
0.20
0.004
0.008
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1.00 REF
0.039 REF
S
0.20
0.008
b
0.17
0.20
0.27
0.007
0.008
0.011
e
0.50 BSC.
0.020 BSC.
D2
5.50
0.217
E2
5.50
0.217
Tolerances of Form and Position
aaa
0.20
0.008
bbb
0.20
0.008
ccc
0.08
0.003
ddd
0.08
0.003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com