Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM Datasheet(PDF) 44 Page - ATMEL Corporation

Part # AT91SAM
Description  High-performance 32-bit RISC Architecture
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button AT91SAM_14 Datasheet HTML 40Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 41Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 42Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 43Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 44Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 45Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 46Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 47Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 50 page
background image
44
SAM7S Series [DATASHEET]
6175KS–ATARM–25-Oct-12
Table 11-3. 48-pad QFN Package Dimensions (in mm)
Symbol
Millimeter
Inch
Min
Nom
Max
Min
Nom
Max
A
–
–
090
–
–
0.035
A1
–
–
0.050
–
–
0.002
A2
–
0.65
0.70
–
0.026
0.028
A3
0.20 REF
0.008 REF
b
0.18
0.20
0.23
0.007
0.008
0.009
D
7.00 bsc
0.276 bsc
D2
5.45
5.60
5.75
0.215
0.220
0.226
E
7.00 bsc
0.276 bsc
E2
5.45
5.60
5.75
0.215
0.220
0.226
L
0.35
0.40
0.45
0.014
0.016
0.018
e
0.50 bsc
0.020 bsc
R
0.09
–
–
0.004
–
–
Tolerances of Form and Position
aaa
0.10
0.004
bbb
0.10
0.004
ccc
0.05
0.002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com