Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM Datasheet(PDF) 31 Page - ATMEL Corporation

Part # AT91SAM
Description  High-performance 32-bit RISC Architecture
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button AT91SAM_14 Datasheet HTML 27Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 28Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 29Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 30Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 31Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 32Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 33Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 34Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
31
SAM7S Series [DATASHEET]
6175KS–ATARM–25-Oct-12
One set of Chip ID Registers
One Interface providing ICE Access Prevention
Two-pin UART
Implemented features are compatible with the USART
Programmable Baud Rate Generator
Parity, Framing and Overrun Error
Automatic Echo, Local Loopback and Remote Loopback Channel Modes
Debug Communication Channel Support
Offers visibility of COMMRX and COMMTX signals from the ARM Processor
Chip ID Registers
Identification of the device revision, sizes of the embedded memories, set of peripherals
Chip ID is 0x270B0A40 for AT91SAM7S512 Rev A
Chip ID is 0x270B0A4F for AT91SAM7S512 Rev B
Chip ID is 0x270D0940 for AT91SAM7S256 Rev A
Chip ID is 0x270B0941 for AT91SAM7S256 Rev B
Chip ID is 0x270B0942 for AT91SAM7S256 Rev C
Chip ID is TBD for AT91SAM7S256 Rev D
Chip ID is 0x270C0740 for AT91SAM7S128 Rev A
Chip ID is 0x270A0741 for AT91SAM7S128 Rev B
Chip ID is 0x270A0742 for AT91SAM7S128 Rev C
Chip ID is TBD for AT91SAM7S128 Rev D
Chip ID is 0x27090540 for AT91SAM7S64 Rev A
Chip ID is 0x27090543 for AT91SAM7S64 Rev B
Chip ID is 0x27090544 for AT91SAM7S64 Rev C
Chip ID is 0x27080342 for AT91SAM7S321 Rev A
Chip ID is 0x27080340 for AT91SAM7S32 Rev A
Chip ID is 0x27080341 for AT91SAM7S32 Rev B
Chip ID is 0x27050241 for AT9SAM7S161 Rev A
Chip ID is 0x27050240 for AT91SAM7S16 Rev A
Note:
Refer to the errata section of the datasheet for updates on chip ID.
9.6
Periodic Interval Timer
20-bit programmable counter plus 12-bit interval counter
9.7
Watchdog Timer
12-bit key-protected Programmable Counter running on prescaled SCLK
Provides reset or interrupt signals to the system
Counter may be stopped while the processor is in debug state or in idle mode
9.8
Real-time Timer
32-bit free-running counter with alarm running on prescaled SCLK
Programmable 16-bit prescaler for SLCK accuracy compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com