Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT91SAM
Description  High-performance 32-bit RISC Architecture
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM Datasheet(HTML) 3 Page - ATMEL Corporation

  AT91SAM_14 Datasheet HTML 1Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 2Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 3Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 4Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 5Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 6Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 7Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 8Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
3
SAM7S Series [DATASHEET]
6175KS–ATARM–25-Oct-12
• Fully Static Operation: Up to 55 MHz at 1.65V and 85
⋅ C Worst Case Conditions
• Available in 64-lead LQFP Green or 64-pad QFN Green Package (SAM7S512/256/128/64/321/161) and 48-lead LQFP Green or
48-pad QFN Green Package (SAM7S32/16)
1.
Description
Atmel’s SAM7S is a series of low pincount Flash microcontrollers based on the 32-bit ARM RISC processor. It fea-
tures a high-speed Flash and an SRAM, a large set of peripherals, including a USB 2.0 device (except for the
SAM7S32 and SAM7S16), and a complete set of system functions minimizing the number of external components.
The device is an ideal migration path for 8-bit microcontroller users looking for additional performance and
extended memory.
The embedded Flash memory can be programmed in-system via the JTAG-ICE interface or via a parallel interface
on a production programmer prior to mounting. Built-in lock bits and a security bit protect the firmware from acci-
dental overwrite and preserves its confidentiality.
The SAM7S Series system controller includes a reset controller capable of managing the power-on sequence of
the microcontroller and the complete system. Correct device operation can be monitored by a built-in brownout
detector and a watchdog running off an integrated RC oscillator.
The SAM7S Series are general-purpose microcontrollers. Their integrated USB Device port makes them ideal devices
for peripheral applications requiring connectivity to a PC or cellular phone. Their aggressive price point and high level of
integration pushes their scope of use far into the cost-sensitive, high-volume consumer market.
1.1
Configuration Summary of the SAM7S512, SAM7S256, SAM7S128, SAM7S64, SAM7S321,
SAM7S32, SAM7S161 and SAM7S16
The SAM7S512, SAM7S256, SAM7S128, SAM7S64, SAM7S321, SAM7S32, SAM7S161 and SAM7S16 differ in
memory size, peripheral set and package. Table 1-1 summarizes the configuration of the six devices.
Except for the SAM7S32/16, all other SAM7S devices are package and pinout compatible.
Notes: 1. Fractional Baud Rate.
2. Full modem line support on USART1.
3. Only two TC channels are accessible through the PIO.
Table 1-1.
Configuration Summary
Device
Flash
TWI
Flash
Organization SRAM
USB
Device
Port
USART
External
Interrupt
Source
PDC
Channels
TC
Channels
I/O 5V
Tolerant
I/O
Lines
Package
SAM7S512
512 Kbytes Master
dual plane
64 Kbytes 1
2(1) (2)
211
3
Yes
32
LQFP/
QFN 64
SAM7S256
256 Kbytes Master
single plane
64 Kbytes 1
2(1) (2)
211
3
Yes
32
LQFP/
QFN 64
SAM7S128
128 Kbytes Master
single plane
32 Kbytes 1
2(1) (2)
211
3
Yes
32
LQFP/
QFN 64
SAM7S64
64 Kbytes
Master
single plane
16 Kbytes 1
2(2)
211
3
Yes
32
LQFP/
QFN 64
SAM7S321
32 Kbytes
Master
single plane
8 Kbytes
1
2(2)
211
3
Yes
32
LQFP/
QFN 64
SAM7S32
32 Kbytes
Master
single plane
8 Kbytes
not
present
11
9
3(3)
Yes
21
LQFP/
QFN 48
SAM7S161
16 Kbytes
Master/
Slave
single plane
4 Kbytes
1
2(2)
211
3
No
32
LQFP
SAM7S16
16 Kbytes
Master/
Slave
single plane
4 Kbytes
not
present
11
9
3(3)
No
21
LQFP/
QFN 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com