Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM Datasheet(PDF) 25 Page - ATMEL Corporation

Part # AT91SAM
Description  High-performance 32-bit RISC Architecture
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button AT91SAM_14 Datasheet HTML 21Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 22Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 23Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 24Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 25Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 26Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 27Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 28Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
25
SAM7S Series [DATASHEET]
6175KS–ATARM–25-Oct-12
8.8.6
Calibration Bits
Eight NVM bits are used to calibrate the brownout detector and the voltage regulator. These bits are factory configured
and cannot be changed by the user. The ERASE pin has no effect on the calibration bits.
8.9
Fast Flash Programming Interface
The Fast Flash Programming Interface allows programming the device through either a serial JTAG interface or through
a multiplexed fully-handshaked parallel port. It allows gang-programming with market-standard industrial programmers.
The FFPI supports read, page program, page erase, full erase, lock, unlock and protect commands.
The Fast Flash Programming Interface is enabled and the Fast Programming Mode is entered when the TST pin and the
PA0 and PA1 pins are all tied high and PA2 is tied low.
8.10 SAM-BA Boot Assistant
The SAM-BA
® Boot Recovery restores the SAM-BA Boot in the first two sectors of the on-chip Flash memory. The
SAM-BA Boot recovery is performed when the TST pin and the PA0, PA1 and PA2 pins are all tied high for 10 sec-
onds. Then, a power cycle of the board is mandatory.
The SAM-BA Boot Assistant is a default Boot Program that provides an easy way to program in situ the on-chip Flash
memory.
The SAM-BA Boot Assistant supports serial communication through the DBGU or through the USB Device Port. (The
SAM7S32/16 have no USB Device Port.)
Communication through the DBGU supports a wide range of crystals from 3 to 20 MHz via software auto-
detection.
Communication through the USB Device Port is limited to an 18.432 MHz crystal. (
The SAM-BA Boot provides an interface with SAM-BA Graphic User Interface (GUI).
9.
System Controller
The System Controller manages all vital blocks of the microcontroller: interrupts, clocks, power, time, debug and reset.
The System Controller peripherals are all mapped to the highest 4 Kbytes of address space, between addresses 0xFFFF
F000 and 0xFFFF FFFF.
Figure 9-1 on page 26 and Figure 9-2 on page 27 show the product specific System Controller Block Diagrams.
Figure 8-1 on page 20 shows the mapping of the of the User Interface of the System Controller peripherals. Note that the
memory controller configuration user interface is also mapped within this address space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com