Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM Datasheet(PDF) 33 Page - ATMEL Corporation

Part # AT91SAM
Description  High-performance 32-bit RISC Architecture
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button AT91SAM_14 Datasheet HTML 29Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 30Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 31Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 32Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 33Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 34Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 35Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 36Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
33
SAM7S Series [DATASHEET]
6175KS–ATARM–25-Oct-12
10.
Peripherals
10.1 User Interface
The User Peripherals are mapped in the 256 MBytes of address space between 0xF000 0000 and 0xFFFF EFFF. Each
peripheral is allocated 16 Kbytes of address space.
A complete memory map is provided in Figure 8-1 on page 20.
10.2 Peripheral Identifiers
The SAM7S Series embeds a wide range of peripherals. Table 10-1 defines the Peripheral Identifiers of the
SAM7S512/256/128/64/321/161. Table 10-2 defines the Peripheral Identifiers of the SAM7S32/16. A peripheral identifier
is required for the control of the peripheral interrupt with the Advanced Interrupt Controller and for the control of the
peripheral clock with the Power Management Controller.
Note:
1. Setting SYSC and ADC bits in the clock set/clear registers of the PMC has no effect. The System Controller
is continuously clocked. The ADC clock is automatically started for the first conversion. In Sleep Mode the
ADC clock is automatically stopped after each conversion.
Note:
1. Setting SYSC and ADC bits in the clock set/clear registers of the PMC has no effect. The System Controller
is continuously clocked. The ADC clock is automatically started for the first conversion. In Sleep Mode the
ADC clock is automatically stopped after each conversion.
Table 10-1. Peripheral Identifiers (SAM7S512/256/128/64/321/161)
Peripheral
ID
Peripheral
Mnemonic
Peripheral
Name
External
Interrupt
0
AIC
Advanced Interrupt Controller
FIQ
1
SYSC(1)
System
2
PIOA
Parallel I/O Controller A
3
Reserved
4ADC(1)
Analog-to Digital Converter
5
SPI
Serial Peripheral Interface
6
US0
USART 0
7
US1
USART 1
8
SSC
Synchronous Serial Controller
9
TWI
Two-wire Interface
10
PWMC
PWM Controller
11
UDP
USB Device Port
12
TC0
Timer/Counter 0
13
TC1
Timer/Counter 1
14
TC2
Timer/Counter 2
15 - 29
Reserved
30
AIC
Advanced Interrupt Controller
IRQ0
31
AIC
Advanced Interrupt Controller
IRQ1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com