Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM Datasheet(PDF) 24 Page - ATMEL Corporation

Part # AT91SAM
Description  High-performance 32-bit RISC Architecture
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button AT91SAM_14 Datasheet HTML 20Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 21Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 22Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 23Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 24Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 25Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 26Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 27Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
24
SAM7S Series [DATASHEET]
6175KS–ATARM–25-Oct-12
The 8 NVM bits are software programmable through the EFC User Interface. The command “Set Lock Bit” enables the
protection. The command “Clear Lock Bit” unlocks the lock region.
Asserting the ERASE pin clears the lock bits, thus unlocking the entire Flash.
8.8.3.6 SAM7S161/16
The Embedded Flash Controller manages 8 lock bits to protect 8 regions of the flash against inadvertent flash erasing or
programming commands. The SAM7S161/16 contains 8 lock regions and each lock region contains 32 pages of 64
bytes. Each lock region has a size of 2 Kbytes.
If a locked-region’s erase or program command occurs, the command is aborted and the LOCKE bit in the MC_FSR
register rises and the interrupt line rises if the LOCKE bit has been written at 1 in the MC_FMR register.
The 8 NVM bits are software programmable through the EFC User Interface. The command “Set Lock Bit” enables the
protection. The command “Clear Lock Bit” unlocks the lock region.
Asserting the ERASE pin clears the lock bits, thus unlocking the entire Flash.
Table 8-1 summarizes the configuration of the eight devices.
8.8.4
Security Bit Feature
The SAM7S Series features a security bit, based on a specific NVM Bit. When the security is enabled, any access to the
Flash, either through the ICE interface or through the Fast Flash Programming Interface, is forbidden. This ensures the
confidentiality of the code programmed in the Flash.
This security bit can only be enabled, through the Command “Set Security Bit” of the EFC User Interface. Disabling the
security bit can only be achieved by asserting the ERASE pin at 1, and after a full flash erase is performed. When the
security bit is deactivated, all accesses to the flash are permitted.
It is important to note that the assertion of the ERASE pin should always be longer than 50 ms.
As the ERASE pin integrates a permanent pull-down, it can be left unconnected during normal operation. However, it is
safer to connect it directly to GND for the final application.
8.8.5
Non-volatile Brownout Detector Control
Two general purpose NVM (GPNVM) bits are used for controlling the brownout detector (BOD), so that even after a
power loss, the brownout detector operations remain in their state.
These two GPNVM bits can be cleared or set respectively through the commands “Clear General-purpose NVM Bit” and
“Set General-purpose NVM Bit” of the EFC User Interface.
GPNVM Bit 0 is used as a brownout detector enable bit. Setting the GPNVM Bit 0 enables the BOD, clearing it
disables the BOD. Asserting ERASE clears the GPNVM Bit 0 and thus disables the brownout detector by default.
The GPNVM Bit 1 is used as a brownout reset enable signal for the reset controller. Setting the GPNVM Bit 1
enables the brownout reset when a brownout is detected, Clearing the GPNVM Bit 1 disables the brownout reset.
Asserting ERASE disables the brownout reset by default.
Table 8-1.
Flash Configuration Summary
Device
Number of Lock Bits
Number of Pages in the Lock Region
Page Size
SAM7S512
32
64
256 bytes
SAM7S256
16
64
256 bytes
SAM7S128
8
64
256 bytes
SAM7S64
16
32
128 bytes
SAM7S321/32
8
32
128 bytes
SAM7S161/16
8
32
64 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com