Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT91SAM
Description  High-performance 32-bit RISC Architecture
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT91SAM_14 Datasheet HTML 35Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 36Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 37Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 38Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 39Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 40Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 41Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 42Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
39
SAM7S Series [DATASHEET]
6175KS–ATARM–25-Oct-12
Programmable center or left aligned output waveform
10.11 USB Device Port (Does not pertain to SAM7S32/16)
USB V2.0 full-speed compliant, 12 Mbits per second.
Embedded USB V2.0 full-speed transceiver
Embedded 328-byte dual-port RAM for endpoints
Four endpoints
Endpoint 0: 8 bytes
Endpoint 1 and 2: 64 bytes ping-pong
Endpoint 3: 64 bytes
Ping-pong Mode (two memory banks) for isochronous and bulk endpoints
Suspend/resume logic
10.12 Analog-to-digital Converter
8-channel ADC
10-bit 384 Ksamples/sec. or 8-bit 583 Ksamples/sec. Successive Approximation Register ADC
±
2 LSB Integral Non Linearity, ±1 LSB Differential Non Linearity
Integrated 8-to-1 multiplexer, offering eight independent 3.3V analog inputs
External voltage reference for better accuracy on low voltage inputs
Individual enable and disable of each channel
Multiple trigger source
Hardware or software trigger
External trigger pin
Timer Counter 0 to 2 outputs TIOA0 to TIOA2 trigger
Sleep Mode and conversion sequencer
Automatic wakeup on trigger and back to sleep mode after conversions of all enabled channels
Four of eight analog inputs shared with digital signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com