Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM Datasheet(PDF) 37 Page - ATMEL Corporation

Part # AT91SAM
Description  High-performance 32-bit RISC Architecture
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button AT91SAM_14 Datasheet HTML 33Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 34Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 35Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 36Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 37Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 38Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 39Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 40Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
37
SAM7S Series [DATASHEET]
6175KS–ATARM–25-Oct-12
10.5 Serial Peripheral Interface
Supports communication with external serial devices
Four chip selects with external decoder allow communication with up to 15 peripherals
Serial memories, such as DataFlash® and 3-wire EEPROMs
Serial peripherals, such as ADCs, DACs, LCD Controllers, CAN Controllers and Sensors
External co-processors
Master or slave serial peripheral bus interface
8- to 16-bit programmable data length per chip select
Programmable phase and polarity per chip select
Programmable transfer delays between consecutive transfers and between clock and data per chip select
Programmable delay between consecutive transfers
Selectable mode fault detection
Maximum frequency at up to Master Clock
10.6 Two-wire Interface
Master Mode only (SAM7S512/256/128/64/321/32)
Master, Multi-Master and Slave Mode support (SAM7S161/16)
General Call supported in Slave Mode (SAM7S161/16)
Compatibility with I2C compatible devices (refer to the TWI sections of the datasheet)
One, two or three bytes internal address registers for easy Serial Memory access
7-bit or 10-bit slave addressing
Sequential read/write operations
10.7 USART
Programmable Baud Rate Generator
5- to 9-bit full-duplex synchronous or asynchronous serial communications
1, 1.5 or 2 stop bits in Asynchronous Mode
1 or 2 stop bits in Synchronous Mode
Parity generation and error detection
Framing error detection, overrun error detection
MSB or LSB first
Optional break generation and detection
By 8 or by 16 over-sampling receiver frequency
Hardware handshaking RTS - CTS
Modem Signals Management DTR-DSR-DCD-RI on USART1 (not present on SAM7S32/16)
Receiver time-out and transmitter timeguard
Multi-drop Mode with address generation and detection
RS485 with driver control signal
ISO7816, T = 0 or T = 1 Protocols for interfacing with smart cards
NACK handling, error counter with repetition and iteration limit
IrDA modulation and demodulation
Communication at up to 115.2 Kbps
Test Modes
Remote Loopback, Local Loopback, Automatic Echo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com