Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM Datasheet(PDF) 29 Page - ATMEL Corporation

Part # AT91SAM
Description  High-performance 32-bit RISC Architecture
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button AT91SAM_14 Datasheet HTML 25Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 26Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 27Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 28Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 29Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 30Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 31Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 32Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
29
SAM7S Series [DATASHEET]
6175KS–ATARM–25-Oct-12
9.2
Clock Generator
The Clock Generator embeds one low-power RC Oscillator, one Main Oscillator and one PLL with the following
characteristics:
RC Oscillator ranges between 22 kHz and 42 kHz
Main Oscillator frequency ranges between 3 and 20 MHz
Main Oscillator can be bypassed
PLL output ranges between 80 and 220 MHz
It provides SLCK, MAINCK and PLLCK.
Figure 9-3. Clock Generator Block Diagram
9.3
Power Management Controller
The Power Management Controller uses the Clock Generator outputs to provide:
the Processor Clock PCK
the Master Clock MCK
the USB Clock UDPCK (not present on SAM7S32/16)
all the peripheral clocks, independently controllable
three programmable clock outputs
The Master Clock (MCK) is programmable from a few hundred Hz to the maximum operating frequency of the device.
The Processor Clock (PCK) switches off when entering processor idle mode, thus allowing reduced power consumption
while waiting for an interrupt.
Embedded
RC
Oscillator
Main
Oscillator
PLL and
Divider
Clock Generator
Power
Management
Controller
XIN
XOUT
PLLRC
Slow Clock
SLCK
Main Clock
MAINCK
PLL Clock
PLLCK
Control
Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com