Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDC21D301A Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # GDC21D301A
Description  Transport Decoder
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GDC21D301A Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button GDC21D301A Datasheet HTML 5Page - Hynix Semiconductor GDC21D301A Datasheet HTML 6Page - Hynix Semiconductor GDC21D301A Datasheet HTML 7Page - Hynix Semiconductor GDC21D301A Datasheet HTML 8Page - Hynix Semiconductor GDC21D301A Datasheet HTML 9Page - Hynix Semiconductor GDC21D301A Datasheet HTML 10Page - Hynix Semiconductor GDC21D301A Datasheet HTML 11Page - Hynix Semiconductor GDC21D301A Datasheet HTML 12Page - Hynix Semiconductor GDC21D301A Datasheet HTML 13Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
GDC21D301A
Pin Description (continued)
NAME
PIN
TYPE
DESCRIPTION
VIDEO DECODER INTERFACE
\VID_WAIT
95
I
Video Wait (active low).
This signal indicates that the access of registers in the video
decoder is ready.
\VID_REQ
96
I
Video Compressed Data Request (active low).
A video decoder requests video data from the GDC21D301A
by using this signal.
\VID_STRB
125
O
Video Compressed Data Strobe (active low).
The signal indicates that the video data in VAD_DATA[7:0]
exists. The video decoder should latch the video data on the
rising edge of VID_STRB.
\VID_DCS
123
O
Video Chip Select (active low).
This signal activates data transfers between the video decoder
and the host processor. Host processor can access the registers
of the video decoder.
VAD_DATA[7:0]
110,114,115,
116,117,119,
120,122
I/O/Z
Video/Audio Decoder Data.
Parallel bit stream output of compressed audio, video, and
auxiliary data.
PTS_DTS_STRB
109
O
Video PTS/DTS Strobe (active high).
When this signal is asserted High, the GDC21D301A puts PTS
(Presentation_Time_Stamp) or DTS (Decoding_Time_Stamp)
into VAD_DATA[7:0] bus.
BOF_V
99
I
Begin of Frame0.
On the rising edge of this signal, STC, the counted PCR value,
is copied to STC3_reg.
AUDIO DECODER INTERFACE
\AUD_WAIT
95
I
Audio Wait (active low).
This signal indicates that the access of registers in the audio
decoder is ready.
\AUD_REQ
94
I
Audio Data Request (active low).
An audio decoder requests audio data from the GDC21D301A
by using this signal.
AUD_SER_DATA
104
O
Audio Serial Data.
\AUD_STRB
105
O
Audio Data Strobe (active low).
This signal indicates that audio data on
VAD_DATA[7:0]
exists. \AUD_STRB signal can be used as the data clock for
serial and parallel data transmission. Thus, if output mode is
parallel, \AUD_STRB is 1-byte strobe. And if output mode is
serial, \AUD_STRB is 1-bit strobe.
\AUD_DCS
103
O
Audio Select (active low).
This signal activates data transfers between the audio decoder
and the host processor. Host processor should communicate
data with the audio decoder through the GDC21D301A.
BOF_A
98
I
Begin of Frame1.
On the rising edge of this signal, STC, the counted PCR_value,
is copied to STC3_reg.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com