Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDC21D301A Datasheet(PDF) 23 Page - Hynix Semiconductor

Part # GDC21D301A
Description  Transport Decoder
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GDC21D301A Datasheet(HTML) 23 Page - Hynix Semiconductor

Back Button GDC21D301A Datasheet HTML 19Page - Hynix Semiconductor GDC21D301A Datasheet HTML 20Page - Hynix Semiconductor GDC21D301A Datasheet HTML 21Page - Hynix Semiconductor GDC21D301A Datasheet HTML 22Page - Hynix Semiconductor GDC21D301A Datasheet HTML 23Page - Hynix Semiconductor GDC21D301A Datasheet HTML 24Page - Hynix Semiconductor GDC21D301A Datasheet HTML 25Page - Hynix Semiconductor GDC21D301A Datasheet HTML 26Page - Hynix Semiconductor GDC21D301A Datasheet HTML 27Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
24
GDC21D301A
STC1 (0x060 ~ 0x062)
STC1 Register 1 (0x060)
STC1 Register 2 (0x062)
These read-only registers hold the lower 20 bits of
STC value from the internal STC counter of the
GDC21D301A when the GDC21D301A retrieves
the PCR value from the transport packet whose
PID value is activated for decoding. The internal
STC counter is clocked at the frequency of
input
on CLOCK_27M pin (nominally 27 MHz). In the
GDC21D301A,
STC_Extension
is
written
to
STC1_2[15:7] and can be read by user. STC1 is
also read-only register.
Internal STC counter base
STC Extension
STC2 (0x064 ~ 0x066)
STC2 Register 1 (0x064)
STC2 Register 2 (0x066)
These read-only registers hold the lower 20 bits of
STC value from the internal STC counter of the
GDC21D301A when external BOF1 signal is
detected.
STC3 (0x068 ~ 0x06a)
STC3 Register 1 (0x068)
STC3 Register 2 (0x06a)
These read-only registers hold the lower 20 bits of
STC value from the internal STC counter of the
GDC21D301A when external BOF2 signal is
detected.
STC4 (0x06c ~ 0x06e)
STC4 Register 1 (0x06c)
STC4 Register 2 (0x06e)
These read-only registers hold the lower 20 bits of
STC value from the internal STC counter of the
GDC21D301A when external BOF3 signal is
detected.
STC5 (0x070 ~ 0x072)
STC5 Register 1 (0x070)
STC5 Register 2 (0x072)
These read-only registers hold the lower 20 bits of
STC value from the internal STC counter of the
GDC21D301A when STC fetch instruction is
activated(see Instruction Register).
21
15
0
15
6
0
15
0
STC1_2
4
STC1_1
19
0
8
7
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com