Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDC21D301A Datasheet(PDF) 25 Page - Hynix Semiconductor

Part # GDC21D301A
Description  Transport Decoder
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GDC21D301A Datasheet(HTML) 25 Page - Hynix Semiconductor

Back Button GDC21D301A Datasheet HTML 21Page - Hynix Semiconductor GDC21D301A Datasheet HTML 22Page - Hynix Semiconductor GDC21D301A Datasheet HTML 23Page - Hynix Semiconductor GDC21D301A Datasheet HTML 24Page - Hynix Semiconductor GDC21D301A Datasheet HTML 25Page - Hynix Semiconductor GDC21D301A Datasheet HTML 26Page - Hynix Semiconductor GDC21D301A Datasheet HTML 27Page - Hynix Semiconductor GDC21D301A Datasheet HTML 28Page - Hynix Semiconductor GDC21D301A Datasheet HTML 29Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
26
GDC21D301A
PSI PID Register (0x40c ~ 0x40e)
Same as Vid PID register, except the following.
Field
Bits
Description
Values
Default
Frm
13
Decoding Type
0 = This packet is a kind of PES.
1 = This packet is a kind of PSI.
In PES packet, there is no pointer_field.
Buffer Pointer Register (0x618 ~ 0x61e)
The values are undefined initially. These values are
the memory management registers for local DRAM.
These are 22-bit wide registers only whose 16 bits
can be accessed by the host.
In the following, N = n-2 and n = 3, 4, 5, ..... , 31.
PSI_n’ s data Buffer Start Pointer Register (0x618 + 4*N)
1) When M16 = ‘ 1’ (16Mbit DRAM used)
When it is ‘Write’, the lower 6 bits are written to
Internal Start Pointer register
15
21
0
0
15
0
When ‘ Write’
6
5
When ‘ Read’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com