Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDC21D301A Datasheet(PDF) 15 Page - Hynix Semiconductor

Part # GDC21D301A
Description  Transport Decoder
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GDC21D301A Datasheet(HTML) 15 Page - Hynix Semiconductor

Back Button GDC21D301A Datasheet HTML 11Page - Hynix Semiconductor GDC21D301A Datasheet HTML 12Page - Hynix Semiconductor GDC21D301A Datasheet HTML 13Page - Hynix Semiconductor GDC21D301A Datasheet HTML 14Page - Hynix Semiconductor GDC21D301A Datasheet HTML 15Page - Hynix Semiconductor GDC21D301A Datasheet HTML 16Page - Hynix Semiconductor GDC21D301A Datasheet HTML 17Page - Hynix Semiconductor GDC21D301A Datasheet HTML 18Page - Hynix Semiconductor GDC21D301A Datasheet HTML 19Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
16
GDC21D301A
Table 1. Register Summary (continued)
ADDR[A10:A0] R/W
REGISTERS
DEFINITION
618 ~ 61e
R/W
PSI_3’s data buffer
pointer
Start, End, Read, and Write Address
620 ~ 6f6
R/W
PSI_4 ~ PID_30’s data
buffer pointer
Start, End, Read, and Write Address
6f8 ~ 6fe
R/W
PSI_31’s data buffer
pointer
Start, End, Read, and Write Address
700 ~ 706
R/W
channel buffer pointer
Start, End, Read, and Write Address
708 ~ 70e
R/W
audio compressed data
buffer pointer
Start, End, Read, and Write Address
710 ~ 716
R/W
audio PES extension
data buffer pointer
Start, End, Read, and Write Address
718 ~ 71e
R/W
video PES extension
data buffer pointer
Start, End, Read, and Write Address
720 ~ 726
R/W
auxiliary compressed
data buffer pointer
Start, End, Read, and Write Address
728 ~ 72e
R/W
auxiliary PES extension
data buffer pointer
Start, End, Read, and Write Address
730 ~ 736
R/W
transport_private_data
buffer pointer
Start, End, Read, and Write Address
738 ~ 73e
R/W
adf_extension_data
buffer pointer
Start, End, Read, and Write Address
Interrupt Flag 1 (0x000)
FIELD
BITS
DESCRIPTION
VALUES
DEFAULT
Dci
15
discontinuity_indicator
Rai
14
random_access_indicator
Epi
13
elementary_stream_priority_indicator
Pcf
12
PCR_flag
Opf
11
OPCR_flag
Spf
10
splicing_point_flag
Tpf
9
transport_private_flag
Aef
8
adaptation_field_extension_flag
Cef
7
continuity counter error
Xpf
6
auxiliary packet comes
Vpf
5
video packet comes
Apf
4
audio packet comes
Psh
3
one of PSI16 ~ PSI_31 packets comes
Psl
2
one of PSI3 ~ PSI_15 packets comes
Tpr
1
transport_priority
Tei
0
transport_error_indicator
Dci Rai Epi Pcf Opf Spf Tpf Aef Cef Xpf Vpf Apf Psh Psl Tpr Tei
15
8
7
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com