Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDC21D301A Datasheet(PDF) 32 Page - Hynix Semiconductor

Part # GDC21D301A
Description  Transport Decoder
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GDC21D301A Datasheet(HTML) 32 Page - Hynix Semiconductor

Back Button GDC21D301A Datasheet HTML 27Page - Hynix Semiconductor GDC21D301A Datasheet HTML 28Page - Hynix Semiconductor GDC21D301A Datasheet HTML 29Page - Hynix Semiconductor GDC21D301A Datasheet HTML 30Page - Hynix Semiconductor GDC21D301A Datasheet HTML 31Page - Hynix Semiconductor GDC21D301A Datasheet HTML 32Page - Hynix Semiconductor GDC21D301A Datasheet HTML 33Page - Hynix Semiconductor GDC21D301A Datasheet HTML 34Page - Hynix Semiconductor GDC21D301A Datasheet HTML 35Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
33
GDC21D301A
7.4.5 Host Processor Interface Requirements
Host Write Mode
DSP_ADDR[22:0]
\DSP_PD
DSP_DATA[15:0]
\DSP_STRB
DSP_READY
DSP_RWB
tSP
tHs
tHh
t
HRh
Host Read Mode
DSP_ADDR[22:0]
\DSP_PD
DSP_DATA[15:0]
\DSP_STRB
DSP_READY
DSP_RWB
tSP
tHs
tHh
t
HRh
tHDOE
tHDh
PARAMETER
PARAMETER
MIN
TYP
MAX
UNIT
tHs
Host setup time
0
-
-
ns
tHh
Host hold time
0
-
-
ns
tHRh
HREADY hold time
-
-
37
ns
tHDOE
Host data output enabled
0
-
-
ns
tHDh
Host data hold time
2
-
-
ns
tSP
Strobe precharge time
37
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com