Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDC21D301A Datasheet(PDF) 6 Page - Hynix Semiconductor

Part # GDC21D301A
Description  Transport Decoder
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GDC21D301A Datasheet(HTML) 6 Page - Hynix Semiconductor

Back Button GDC21D301A Datasheet HTML 2Page - Hynix Semiconductor GDC21D301A Datasheet HTML 3Page - Hynix Semiconductor GDC21D301A Datasheet HTML 4Page - Hynix Semiconductor GDC21D301A Datasheet HTML 5Page - Hynix Semiconductor GDC21D301A Datasheet HTML 6Page - Hynix Semiconductor GDC21D301A Datasheet HTML 7Page - Hynix Semiconductor GDC21D301A Datasheet HTML 8Page - Hynix Semiconductor GDC21D301A Datasheet HTML 9Page - Hynix Semiconductor GDC21D301A Datasheet HTML 10Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
7
GDC21D301A
(Package : 176TQFP)
NAME
PIN
TYPE
DESCRIPTION
CLOCKS & RESET
CLOCK
157
I
Operation clock.
The frequency of operating clock is 27MHz and it should be
locked in encoder system clock. The clock may be supplied by
external VCXO controlled by VPWM.
CLOCK_27M
69
I
27MHz clock.
It is used to count STC value. This clock may be supplied by
external VCXO controlled by VPWM.
CLOCK_OUT
14
O
Operation Clock Output.
For high-speed output data
\RESET
112
I
Global Reset (active low)
The signal asynchronously resets the GDC21D301A.
TEST INTERFACE (for IC self-test purpose only)
TEST
26
I
Test Mode
TA[9:0]
46,44,16,17,
18,19,20,21,2
2,23
I
Test address.
TA[9] and TA[8] are respectively multiplexed with SCAN_IN1
and SCAN_MODE pins.
TDI
27
I
Test Input Data
TWEB
25
I
Test Write Enable (active low)
TDO0
8
O
Test Output Data0
TDO1
9
O
Test Output Data1
TRANSPORT STREAM INTERFACE
P_S_MODE
28
I
FEC Data Input Mode Selection.
0: byte-parallel input mode
1: bit-serial input mode
FEC_DATA[7:0]
30,31,36,37,
38,39,40,41
I
TS Data.
It is used for byte-parallel or bit-serial transfers of a coded TS
data to the device. In bit-serial mode, FEC_DATA[0] is a serial
data input for TS data.
F_START
29
I
FEC Sync Byte Indicator.
F_START is valid in bit-serial input mode only.
FEC_DATA
is aligned by the byte parallel with this signal. This signal
should be activated at the first bit of the TS sync byte or every
first bit of the data byte.
FEC_CLOCK
32
I
FEC Data Clock.
FEC_CLOCK is used to latch a data byte or a single bit of
coded TS into the device on the rising edge. FEC_CLOCK may
be asynchronous with the device. The value of FEC_DATA is
locked into the GDC21D301A internal buffer on the rising
edge of FEC_CLOCK, if D_VALID is asserted HIGH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com