Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDC21D301A Datasheet(PDF) 16 Page - Hynix Semiconductor

Part # GDC21D301A
Description  Transport Decoder
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GDC21D301A Datasheet(HTML) 16 Page - Hynix Semiconductor

Back Button GDC21D301A Datasheet HTML 12Page - Hynix Semiconductor GDC21D301A Datasheet HTML 13Page - Hynix Semiconductor GDC21D301A Datasheet HTML 14Page - Hynix Semiconductor GDC21D301A Datasheet HTML 15Page - Hynix Semiconductor GDC21D301A Datasheet HTML 16Page - Hynix Semiconductor GDC21D301A Datasheet HTML 17Page - Hynix Semiconductor GDC21D301A Datasheet HTML 18Page - Hynix Semiconductor GDC21D301A Datasheet HTML 19Page - Hynix Semiconductor GDC21D301A Datasheet HTML 20Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
17
GDC21D301A
Interrupt Flag 2 (0x002)
When
an
interrupt
condition
occurs,
the
corresponding bit in Interrupt Flag registers are
asserted 1. Whenever a bit in the Interrupt Flag is 1,
the corresponding bit in Interrupt Mask registers is
set to 1, the Ien bit in the Instruction register to 1,
and the GDC21D301A asserts DSP_INT, the
external interrupt signal. Note that the occurrence
of an interrupt condition always causes the
corresponding bit in Interrupt Flag registers to be
set, even if the condition is disabled(i.e., the
corresponding bit in Interrupt Mask registers is
set to 0).
Interrupt Flag 1, 2 registers
are cleared by the
Host whenever they are read, and DSP_INT is
deasserted.
In the GDC21D301A, Slk and Sdr is added to
indicate the state of Sync. The GDC21D301A first
searches Sync byte from transport stream. If the
device
succeeds
in
finding
0x47,
it
writes
Slk(Sync_lock) bit in Interrupt flag 2 register. Until
sync is detected, Sdr flag maintains active high
state, so the host processor can monitor whether
Sync(0x47) is detected or not.
All bits except Slk and Sdr are set when packet is
matched to PID register.
FIELD
BITS
DESCRIPTION
VALUES
DEFAULT
Slk
15
Sync_lock
Sdr
14
Sync_drop
Psc
13:12
PES_scrambling_control
Ppr
11
PES_priority
Dai
10
data_alignment_indicator
Cpr
9
copyright
Ooc
8
original_or_copy
Pdf
7:6
PTS_DTS_flag
Esf
5
ESCR_flag
Erf
4
ES_rate_flag
Dtf
3
DSM_trick_mode_flag
Acf
2
additional_copy_info_flag
Crf
1
PES_CRC_flag
Pef
0
PES_extension_flag
Interrupt Mask 1 (0x004)
All bits respectively correspond with each ones in
Interrupt Flag 1 register.
1 = Interrupt enabled
Interrupt Mask 2 (0x006)
All bits respectively correspond with each ones in
Interrupt Flag 2 register.
1 = Interrupt enabled
15
8
7
0
Psc
Ppr Dai Cpr Ooc
Pdf
Esf
Erf
Dtf Acf Crf Pef
Sdr
Slk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com