Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDC21D301A Datasheet(PDF) 13 Page - Hynix Semiconductor

Part # GDC21D301A
Description  Transport Decoder
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GDC21D301A Datasheet(HTML) 13 Page - Hynix Semiconductor

Back Button GDC21D301A Datasheet HTML 9Page - Hynix Semiconductor GDC21D301A Datasheet HTML 10Page - Hynix Semiconductor GDC21D301A Datasheet HTML 11Page - Hynix Semiconductor GDC21D301A Datasheet HTML 12Page - Hynix Semiconductor GDC21D301A Datasheet HTML 13Page - Hynix Semiconductor GDC21D301A Datasheet HTML 14Page - Hynix Semiconductor GDC21D301A Datasheet HTML 15Page - Hynix Semiconductor GDC21D301A Datasheet HTML 16Page - Hynix Semiconductor GDC21D301A Datasheet HTML 17Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
14
GDC21D301A
5.6 Memory Controller
This controls DRAM interface. It refreshes
DRAM, writes and reads data to and from
DRAM. The corresponding addresses where
the data is written and read are stored in
pointer memory by the Host processor. The
GDC21D301A requires one or two DRAMs
(256Kx16b or 1Mx16b).
\DRAM_RAS0
\DRAM_CAS0
\RAS
\LCAS
DRAM_DATA [15:0]
DATA [15:0]
DRAM_ADDR [9:0]
ADDR [9:0]
DRAM_RWB
RWB
DRAM 0
(256Kx16 or 1Mx16)
DRAM 1
M 16
GDC21D301
\DRAM_RAS1
\DRAM_CAS1
\UCAS
\RAS
\LCAS
DATA [15:0]
ADDR [9:0]
RWB
\UCAS
Figure 3. External DRAM Interface
5.7 High-Speed Interface
This is an interface block of external high-speed
ports which send whole TS packets.
5.8 External Decoder Interface
This reads data from buffer and sends it to the
corresponding external decoder. It also controls the
input/output of data to and from external decoder.
5.9 Host Interface
Host Processor can access external decoders
through the GDC21D301A transport decoder.
DSP_DATA[15:0] ports are used for data bus.
To access one of the external decoders through the
GDC21D301A,
host
address
bus
(DSP_ADDR[22:0]) should be as follows.
For video decoder access,
DSP_ADDR[22:18] = “100 11”.
For audio decoder access,
DSP_ADDR[22:18] = “100 01”.
For auxiliary decoder access,
DSP_ADDR[21:18] = “100 00”.
5.10 Clock Controller
It outputs two PWM signals(VPWM and APWM)
which can be controlled by the Host Processor. The
PWM signals can be used to control external
VCXOs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com