Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDC21D301A Datasheet(PDF) 19 Page - Hynix Semiconductor

Part # GDC21D301A
Description  Transport Decoder
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GDC21D301A Datasheet(HTML) 19 Page - Hynix Semiconductor

Back Button GDC21D301A Datasheet HTML 15Page - Hynix Semiconductor GDC21D301A Datasheet HTML 16Page - Hynix Semiconductor GDC21D301A Datasheet HTML 17Page - Hynix Semiconductor GDC21D301A Datasheet HTML 18Page - Hynix Semiconductor GDC21D301A Datasheet HTML 19Page - Hynix Semiconductor GDC21D301A Datasheet HTML 20Page - Hynix Semiconductor GDC21D301A Datasheet HTML 21Page - Hynix Semiconductor GDC21D301A Datasheet HTML 22Page - Hynix Semiconductor GDC21D301A Datasheet HTML 23Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
20
GDC21D301A
VPWM control (0x012)
The chip uses Sigma-delta modulation for VPWM
signal.
Modulation
clock
is
1/34
system
clock(27MHz/34 = 794KHz). VPWM output signal
is generated by this value. When the register value
is 0x7FFF, the period of '1' and the period of '0'
have the same value of 0.630usec, and the cycle
time is 1.259usec, i.e., the duration of VPWM
output signal is 50%. The larger is the value greater
than 0x7FFF, the longer is the high period
generated. For example, if register value is 0x0000,
there is no data of '1' in 65536 data. Only the data
of '0' is almost uniformly distributed in 65536 data.
Adjusting PWM pulse, system VCXO can be
controlled to achieve lip synchronization or system
clocks locking.
FIELD
BITS
DESCRIPTION
VALUES
DEFAULT
VPWM
15:0
Video PWM control
0x0000 to 0xFFFF
0x7FFF
Sync Hysteresis (0x014)
FIELD
BITS
DESCRIPTION
VALUES
DEFAULT
Scd
7:5
Sync Drop
0 = should not be used
1 – 7 = The number of consecutive
sync bytes must be discarded to
constitute a sync drop.
0x1
Scl
4:0
Sync Lock
0 = should not be used
1 – 31 = The number of consecutive
sync bytes must be detected
before sync is acquired.
0x03
Scd
Scl
15
8
7
0
VPWM
15
8
7
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com