Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDC21D301A Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # GDC21D301A
Description  Transport Decoder
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GDC21D301A Datasheet(HTML) 4 Page - Hynix Semiconductor

  GDC21D301A Datasheet HTML 1Page - Hynix Semiconductor GDC21D301A Datasheet HTML 2Page - Hynix Semiconductor GDC21D301A Datasheet HTML 3Page - Hynix Semiconductor GDC21D301A Datasheet HTML 4Page - Hynix Semiconductor GDC21D301A Datasheet HTML 5Page - Hynix Semiconductor GDC21D301A Datasheet HTML 6Page - Hynix Semiconductor GDC21D301A Datasheet HTML 7Page - Hynix Semiconductor GDC21D301A Datasheet HTML 8Page - Hynix Semiconductor GDC21D301A Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
5
GDC21D301A
1. General Description
The
GDC21D301A
Transport
Decoder
resides in the center of an MPEG-2 decoding
system. It accepts MPEG-2 transport streams,
parses
the
transport
and
packetized
elementary stream (PES) layers into the
separate data streams, and provides rate
buffering for the parsed data streams. Then it
passes those data streams to video and audio
decoders. The GDC21D301A also extracts
Program Clock Reference (PCR) in the data
stream
and
provides
the
Pulse
Width
Modulation (PWM) signals in order to
recover the clock and to synchronize the
playback
of
video
and
audio.
The
GDC21D301A manages an external DRAM
that is used for data storage and buffering the
various parsed data streams. This DRAM is
shared with the host processor so that the
system’s
memory
requirements
can
be
consolidated into a single, low-cost DRAM.
The
GDC21D301A
stores
data
packets
destined for the host directly in shared
DRAM for easy access by the host.
2. Features
The GDC21D301A is fully compliant with MPEG-
2 ISO/IEC 13818-1 specification.
Decoding Features
• Performs MPEG-2 transportation and PES layer
handling
• Supports maximum 80 Mbps transport streams
• Provides a high-speed data output port
• Identifies and extracts up to 32 transport stream
(TS) packet PIDs
PCR & Time Stamp Control Features
• Provides two PWM signals to recover the system
clock
• Provides the instant value of internal STC
counter when a frame begins
• Extracts PTS and DTS of video and audio for
Lip-synchronization
Interface
• Supports byte-parallel/bit-serial TS input
• Supports video/audio PES layer or elementary
stream layer output
• Provides error code insertion capability in video
elementary stream
• Supports an external error input signal for
declaring an erroneous packet
• Supports 8/16-bit host bus interface
GDC21D301A
Transport Decoder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com