Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDC21D301A Datasheet(PDF) 31 Page - Hynix Semiconductor

Part # GDC21D301A
Description  Transport Decoder
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GDC21D301A Datasheet(HTML) 31 Page - Hynix Semiconductor

Back Button GDC21D301A Datasheet HTML 27Page - Hynix Semiconductor GDC21D301A Datasheet HTML 28Page - Hynix Semiconductor GDC21D301A Datasheet HTML 29Page - Hynix Semiconductor GDC21D301A Datasheet HTML 30Page - Hynix Semiconductor GDC21D301A Datasheet HTML 31Page - Hynix Semiconductor GDC21D301A Datasheet HTML 32Page - Hynix Semiconductor GDC21D301A Datasheet HTML 33Page - Hynix Semiconductor GDC21D301A Datasheet HTML 34Page - Hynix Semiconductor GDC21D301A Datasheet HTML 35Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
32
GDC21D301A
7.4.3 Reset Signal Requirement
\RESET
tRSTw
PARAMETER
PARAMETER
MIN
TYP
MAX
UNIT
tRSTw
RESET pulse width
tCLOCKp
-
-
ns
The low pulse width of reset signal should be larger than tCLCOKp, the operating clock period.
7.4.4 Audio/Video/Data Decoder Interface Requirements
tREQs
CLOCK
VID_REQ
AUD_REQ
DATA_REQ
VAD_DATA[7:0]
VID_STRB
AUD_STRB
DATA_STRB
tSTRBd
tSTRBw
tVADh
tVADs
PARAMETER
PARAMETER
MIN
TYP
MAX
UNIT
tVADs
VAD data setup time
30
-
-
ns
tVADh
VAD data hold time
30
-
-
ns
tSTRBd
STRB to clock delay time
-
-
18
ns
tSTRBw
STRB pulse width
30
-
-
ns
tREQs
REQ setup time
5
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com