Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDC21D301A Datasheet(PDF) 17 Page - Hynix Semiconductor

Part # GDC21D301A
Description  Transport Decoder
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GDC21D301A Datasheet(HTML) 17 Page - Hynix Semiconductor

Back Button GDC21D301A Datasheet HTML 13Page - Hynix Semiconductor GDC21D301A Datasheet HTML 14Page - Hynix Semiconductor GDC21D301A Datasheet HTML 15Page - Hynix Semiconductor GDC21D301A Datasheet HTML 16Page - Hynix Semiconductor GDC21D301A Datasheet HTML 17Page - Hynix Semiconductor GDC21D301A Datasheet HTML 18Page - Hynix Semiconductor GDC21D301A Datasheet HTML 19Page - Hynix Semiconductor GDC21D301A Datasheet HTML 20Page - Hynix Semiconductor GDC21D301A Datasheet HTML 21Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
18
GDC21D301A
Instruction (0x008)
When error(discontinuity) happens in video packet,
i.e., in case Sec=‘1’, the GDC21D301A inputs
video sequence error code in data output.
In case Aps=‘0’, the GDC21D301A outputs audio
compressed data in parallel mode, and in case
Aps=‘1’, the GDC21D301A outputs the data in
serial mode through AUD_SER_DATA pin.
When Vts is 1, the GDC21D301A inputs PTS and
DTS data before sending them to video packet
according to Pdf flag bit of Interrupt Flag 2
register. When Ucb is 1, the GDC21D301A
receives data from channel input.
When Ice is 1, the GDC21D301A ignores channel
empty condition(i.e., the GDC21D301A continues
decoding data in channel buffer whether they were
decoded before or not.).
When Stc is 1, the GDC21D301A loads internal
PCR counter to STC5 register, and then this bit is
cleared automatically. In case Lst is 1, the
GDC21D301A loads internal PCR counter with
new value when next PCR value is loaded in the
packet, and then this bit is cleared automatically.
FIELD
BITS
DESCRIPTION
VALUES
DEFAULT
Sec
15
Sequence_error_code
1=sequence_error_code inserted
Aps
14
Audio parallel/serial output
0=parallel
1= serial
Vts
13
Video PTS,DTS output
1=PTS/DTS inserted
Ucb
9
Update channel buffer
Ice
8
Ignore channel empty
Stc
3
load STC5
Lst
2
load PCR
Den
1
Global decoding enable
1=decoding enable
Ien
0
Global Interrupt enable
1=interrupt enable
Round Buffer (0x00a)
When Rpn is 1, write pointer is reached to end
pointer, and the write pointer is changed to
start
pointer(i.e., the GDC21D301A overwrites the
following data).
FIELD
BITS
DESCRIPTION
VALUES
DEFAULT
Rpn
8:0
Round the buffer of the PSI_n
15
8
7
0
Rp8
Rp4 Rp3 Rp2 Rp1 Rp0
Rp7 Rp6 Rp5
15
8
7
0
Sec
Vts
Ice
Stc Lst Den Ien
Aps
Ucb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com