Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

376 Datasheet(PDF) 17 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 17 Page - Intel Corporation

Back Button 376 Datasheet HTML 13Page - Intel Corporation 376 Datasheet HTML 14Page - Intel Corporation 376 Datasheet HTML 15Page - Intel Corporation 376 Datasheet HTML 16Page - Intel Corporation 376 Datasheet HTML 17Page - Intel Corporation 376 Datasheet HTML 18Page - Intel Corporation 376 Datasheet HTML 19Page - Intel Corporation 376 Datasheet HTML 20Page - Intel Corporation 376 Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 95 page
background image
376 EMBEDDED PROCESSOR
Table 25 Interrupt Vector Assignments
Instruction Which
Return Address
Function
Interrupt
Can Cause
Points to
Type
Number
Exception
Faulting
Instruction
Divide Error
0
DIV IDIV
Yes
FAULT
Debug Exception
1
Any Instruction
Yes
TRAP
NMI Interrupt
2
INT 2 or NMI
No
NMI
One-Byte Interrupt
3
INT
No
TRAP
Interrupt on Overflow
4
INTO
No
TRAP
Array Bounds Check
5
BOUND
Yes
FAULT
Invalid OP-Code
6
Any Illegal Instruction
Yes
FAULT
Device Not Available
7
ESC WAIT
Yes
FAULT
Double Fault
8
Any Instruction That Can
ABORT
Generate an Exception
Coprocessor Segment Overrun
9
ESC
No
ABORT
Invalid TSS
10
JMP CALL IRET INT
Yes
FAULT
Segment Not Present
11
Segment Register Instructions
Yes
FAULT
Stack Fault
12
Stack References
Yes
FAULT
General Protection Fault
13
Any Memory Reference
Yes
FAULT
Intel Reserved
14 – 15
Coprocessor Error
16
ESC WAIT
Yes
FAULT
Intel Reserved
17 – 32
Two-Byte Interrupt
0 – 255
INT n
No
TRAP
Some debug exceptions may report both traps on the previous instruction and faults on the next instruction
Interrupts through Interrupt Gates automatically re-
set IF disabling INTR requests Interrupts through
Trap Gates leave the state of the IF bit unchanged
Interrupts through a Task Gate change the IF bit ac-
cording to the image of the EFLAGs register in the
task’s Task State Segment (TSS) When an IRET
instruction is executed the original state of the IF bit
is restored
Non-Maskable Interrupt
Non-maskable interrupts provide a method of servic-
ing very high priority interrupts When the NMI input
is pulled HIGH it causes an interrupt with an internal-
ly supplied vector value of 2 Unlike a normal hard-
ware interrupt no interrupt acknowledgement se-
quence is performed for an NMI
While executing the NMI servicing procedure the
80376 will not service any further NMI request or
INT requests until an interrupt return (IRET) instruc-
tion is executed or the processor is reset If NMI
occurs while currently servicing an NMI its presence
will be saved for servicing after executing the first
IRET instruction The disabling of INTR requests de-
pends on the gate in IDT location 2
Software Interrupts
A third type of interruptexception for the 80376 is
the software interrupt An INT n instruction causes
the processor to execute the interrupt service rou-
tine pointed to by the nth vector in the interrupt table
A special case of the two byte software interrupt
INT n is the one byte INT 3 or breakpoint interrupt
By inserting this one byte instruction in a program
the user can set breakpoints in his program as a
debugging tool
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com