Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

376 Datasheet(PDF) 21 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 21 Page - Intel Corporation

Back Button 376 Datasheet HTML 17Page - Intel Corporation 376 Datasheet HTML 18Page - Intel Corporation 376 Datasheet HTML 19Page - Intel Corporation 376 Datasheet HTML 20Page - Intel Corporation 376 Datasheet HTML 21Page - Intel Corporation 376 Datasheet HTML 22Page - Intel Corporation 376 Datasheet HTML 23Page - Intel Corporation 376 Datasheet HTML 24Page - Intel Corporation 376 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 95 page
background image
376 EMBEDDED PROCESSOR
This code should be linked into your application for boot loadable code The following build file illustrates how
this is accomplished
FLAT
build program id
SEGMENT
*segments (dpl
40)
Give all user segments a DPL of 0
phantom code
(dpl
40)
These two segments are created by
phantom data
(dpl
40)
the builder when the FLAT control is used
init code
(base
40ffffff80h)
Put startup code at the reset vector area
GATE
g13 (entry
413 dpl40 trap)
trap gate disables interrupts
i32 (entry
432 dpl40 interrupt)
interrupt gates doesn’t
TABLE
create GDT
GDT (LOCATION
4 GDT DESC
In a buffer starting at GDT DESC
BLD386 places the GDT base and
GDT limit values
Buffer must be
6 bytes long
The base and limit
values are places in this buffer
as two bytes of limit plus
four bytes of base in the format
required for use by the LGDT
instruction
ENTRY
4 (3 phantom code
Explicitly place segment
4
phantom data
entries into the GDT
5code32
6data
7init code)
)
TASK
MAIN TASK
(
DPL
4 0
Task privilege level is 0
DATA
4 DATA
Points to a segment that
indicates initial DS value
CODE
4 main
Entry point is main
which
must be a public id
STACKS
4 (DATA)
Segment id points to stack
segment
Sets the initial SSESP
NO INTENABLED
Disable interrupts
PRESENT
Present bit in TSS set to 1
)
MEMORY
(RANGE
4 (EPROM 4 ROM(0ffff8000h0ffffffffh)
DRAM
4 RAM(00ffffh))
ALLOCATE
4 (EPROM 4 (MAIN TASK)))
END
asm386 flatsima38 debug
asm386 applicationa38 debug
bnd386 applicationobjflatsimobj nolo debug oj (applicationbnd)
bld386 applicationbnd bf (flatsimbld) bl flat
Commands to assemble and build a boot-loadable application named ‘‘applicationa38’’ The initialization code
is called ‘‘flatsima38’’ and build file is called ‘‘applicationbld’’
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com