Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

376 Datasheet(PDF) 35 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 35 Page - Intel Corporation

Back Button 376 Datasheet HTML 31Page - Intel Corporation 376 Datasheet HTML 32Page - Intel Corporation 376 Datasheet HTML 33Page - Intel Corporation 376 Datasheet HTML 34Page - Intel Corporation 376 Datasheet HTML 35Page - Intel Corporation 376 Datasheet HTML 36Page - Intel Corporation 376 Datasheet HTML 37Page - Intel Corporation 376 Datasheet HTML 38Page - Intel Corporation 376 Datasheet HTML 39Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 95 page
background image
376 EMBEDDED PROCESSOR
BUS CYCLE DEFINITION SIGNALS
(WR DC MIO LOCK)
These three-state outputs define the type of bus cy-
cle being performed WR distinguishes between
write and read cycles DC distinguishes between
data and control cycles MIO distinguishes between
memory and IO cycles and LOCK distinguishes be-
tween locked and unlocked bus cycles All of these
signals are active LOW and will float during bus ac-
knowledge
The primary bus cycle definition signals are WR
DC and MIO since these are the signals driven
valid as ADS (Address Status output) becomes ac-
tive The LOCK signal is driven valid at the same
time the bus cycle begins which due to address
pipelining could be after ADS becomes active Ex-
act bus cycle definitions as a function of WR DC
and MIO are given in Table 42
LOCK indicates that other system bus masters are
not to gain control of the system bus while it is ac-
tive LOCK is activated on the CLK2 edge that be-
gins the first locked bus cycle (ie it is not active at
the same time as the other bus cycle definition pins)
and is deactivated when ready is returned to the end
of the last bus cycle which is to be locked The be-
ginning of a bus cycle is determined when READY is
returned in a previous bus cycle and another is
pending (ADS is active) or the clock in which ADS is
driven active if the bus was idle This means that it
follows more closely with the write data rules when it
is valid but may cause the bus to be locked longer
than desired The LOCK signal may be explicitly acti-
vated by the LOCK prefix on certain instructions
LOCK is always asserted when executing the XCHG
instruction during descriptor updates and during the
interrupt acknowledge sequence
BUS CONTROL SIGNALS
(ADS READY NA)
The following signals allow the processor to indicate
when a bus cycle has begun and allow other system
hardware to control address pipelining and bus cycle
termination
Address Status (ADS)
This three-state output indicates that a valid bus cy-
cle definition and address (WR DC MIO BHE
BLE and A23–A1) are being driven at the 80376
pins ADS is an active LOW output Once ADS is
driven active valid address byte enables and defi-
nition signals will not change In addition ADS will
remain active until its associated bus cycle begins
(when READY is returned for the previous bus cycle
when running pipelined bus cycles) ADS will float
during bus hold acknowledge See sections Non-
Pipelined Bus Cycles
and Pipelined Bus Cycles
for additional information on how ADS is asserted
for different bus states
Transfer Acknowledge (READY)
This input indicates the current bus cycle is com-
plete and the active bytes indicated by BHE and
BLE are accepted or provided When READY is
sampled active during a read cycle or interrupt ac-
knowledge cycle the 80376 latches the input data
and terminates the cycle When READY is sampled
active during a write cycle the processor terminates
the bus cycle
Table 42 Bus Cycle Definition
MIO
DC
WR
Bus Cycle Type
Locked
0
0
0
INTERRUPT ACKNOWLEDGE
Yes
0
0
1
Does Not Occur
0
1
0
IO DATA READ
No
0
1
1
IO DATA WRITE
No
1
0
0
MEMORY CODE READ
No
1
0
1
HALT
SHUTDOWN
No
Address e 2
Address e 0
BHE e 1
BHE e 1
BLE e 0
BLE e 0
1
1
0
MEMORY DATA READ
Some Cycles
1
1
1
MEMORY DATA WRITE
Some Cycles
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com